Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2417XP-4NF Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # HG2417XP-4NF
Description  2400 MHz to 2500 MHz Cross Polarization MIMO Flat Panel Antenna, 17 dBi gain, 4 Port with N Female Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2417XP-4NF Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  HG2417XP-4NF Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 3Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 4Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
4
HG2417XP-4NF REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
2400 MHz to 2500 MHz Cross Polarization MIMO Flat Panel
Antenna, 17 dBi gain, 4 Port with N Female Connectors
HG2417XP-4NF
same day shipment for domestic and International orders. Our portfolio includes coaxial cable assemblies, connectors, adapters and
custom products as well as lightning and surge protectors, NEMA rated enclosures, and an RF product line which includes antennas,
amplifiers, passive, and active components.
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary
to make modifications to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes
as required. Unless otherwise stated, all specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part
described herein for any particular purpose, and L-com does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com