Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC643 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC643
Description  OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC643 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC643 Datasheet HTML 1Page - STMicroelectronics M74HC643 Datasheet HTML 2Page - STMicroelectronics M74HC643 Datasheet HTML 3Page - STMicroelectronics M74HC643 Datasheet HTML 4Page - STMicroelectronics M74HC643 Datasheet HTML 5Page - STMicroelectronics M74HC643 Datasheet HTML 6Page - STMicroelectronics M74HC643 Datasheet HTML 7Page - STMicroelectronics M74HC643 Datasheet HTML 8Page - STMicroelectronics M74HC643 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
August 2001
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 643
DESCRIPTION
The 74HC643 is an advanced high-speed CMOS
OCTAL
BUS
TRANSCEIVER
(3-STATE)
fabricated with silicon gate C2MOS technology.
This IC is intended for two-way asynchronous
communication between data buses, and the
direction of data transmission is determined by
DIR input. The enable input G can be used to
disable the device so that the buses are effectively
isolated.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC643
OCTAL BUS TRANSCEIVER
WITH 3 STATE OUTPUTS (INVERTING/NON INVERTING)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC643B1R
SOP
M74HC643M1R
M74HC643RM13TR
TSSOP
M74HC643TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC643

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC640 STMICROELECTRONICS-M74HC640 Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
M74HC640B1R STMICROELECTRONICS-M74HC640B1R Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
M74HC640M1R STMICROELECTRONICS-M74HC640M1R Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
M74HC640RM13TR STMICROELECTRONICS-M74HC640RM13TR Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
M74HC640TTR STMICROELECTRONICS-M74HC640TTR Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
More results

Similar Description - M74HC643

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
STMicroelectronics
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F620 FAIRCHILD-74F620 Datasheet
52Kb / 6P
Inverting Octal Bus Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
STMicroelectronics
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
Aug-2001
M74HC640 STMICROELECTRONICS-M74HC640 Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
logo
Unisonic Technologies
U74LVC640 UTC-U74LVC640 Datasheet
208Kb / 5P
OCTAL BUS TRANSCEIVER WITH 3-STATE INVERTING OUTPUTS
logo
Motorola, Inc
MC74F640 MOTOROLA-MC74F640 Datasheet
88Kb / 4P
OCTAL BUS TRANSCEIVER, INVERTING WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com