Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC643 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC643
Description  OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC643 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC643 Datasheet HTML 1Page - STMicroelectronics M74HC643 Datasheet HTML 2Page - STMicroelectronics M74HC643 Datasheet HTML 3Page - STMicroelectronics M74HC643 Datasheet HTML 4Page - STMicroelectronics M74HC643 Datasheet HTML 5Page - STMicroelectronics M74HC643 Datasheet HTML 6Page - STMicroelectronics M74HC643 Datasheet HTML 7Page - STMicroelectronics M74HC643 Datasheet HTML 8Page - STMicroelectronics M74HC643 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC643
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1
DIR
Directional Control
2, 3, 4, 5, 6,
7, 8, 9
A1 to A8
Data Inputs/Outputs
18, 17, 16,
15, 14, 13,
12, 11
B1 to B8
Data Inputs/Outputs
19
G
Output Enable Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
FUNCTION
OUTPUT
G
DIR
A BUS
B BUS
Yn
L
L
OUTPUT
INPUT
A = B
L
H
INPUT
OUTPUT
B = A
HX
Z
Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com