Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OG-R Datasheet(PDF) 3 Page - KITAGAWA GmbH

Part # OG-R
Description  Grounding components, with support for automated mounting on PC board.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OG-R Datasheet(HTML) 3 Page - KITAGAWA GmbH

  OG-R Datasheet HTML 1Page - KITAGAWA GmbH OG-R Datasheet HTML 2Page - KITAGAWA GmbH OG-R Datasheet HTML 3Page - KITAGAWA GmbH OG-R Datasheet HTML 4Page - KITAGAWA GmbH OG-R Datasheet HTML 5Page - KITAGAWA GmbH OG-R Datasheet HTML 6Page - KITAGAWA GmbH OG-R Datasheet HTML 7Page - KITAGAWA GmbH OG-R Datasheet HTML 8Page - KITAGAWA GmbH OG-R Datasheet HTML 9Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
■ Space saving type
For space saving at pad area
on PC board
■ Large height type
For large clearances
Centered vacuum pick-up type
■
Vacuum pick-up point is
placed at center
Down-sized compact type for
narrow space configurations.
■ Compact type
GND point on test PC board
A
C
B
D
E
G
F
H
A
C
B
D
E
G
F
H
A
C
B
D
A
C
B
D
E
G
F
H
E
G
F
H
■
Frame ground
評価基板 / Test PC board OSC Buffer
ON-BOARD CONTACT
<Experimental contents>
● Exp 1: PC board + Metal plate (without grounding)
● Exp 2: PC board + Metal plate (4 points:A, B, C, D)
● Exp 3: PC board + Metal plate (8 points:A, B, C, D, E, F, G, H)
OSC
25MHz
Digital ground
Frame ground
OSC
25MHz
Digital ground
Frame ground
OSC
25MHz
Digital ground
Frame ground
Multi point grounding enables large suppression effectiveness.
2)points grounding
3)8 points grounding
1)Without FG connection
Suppression of radiated emission by multi point grounding
● As described below
Super-compact grounding components with wide variations
● Space saving, FG facilitated even where screws are precluded.
● Grounding component product can be mounted by pick and place machine,
● Box structure is introduced for distortion, deformation and damage prevention.(excluding some part numbers)
Feature
Material
ON-BOARD CONTACT
/OG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com