Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OG-R Datasheet(PDF) 9 Page - KITAGAWA GmbH

Part # OG-R
Description  Grounding components, with support for automated mounting on PC board.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OG-R Datasheet(HTML) 9 Page - KITAGAWA GmbH

  OG-R Datasheet HTML 1Page - KITAGAWA GmbH OG-R Datasheet HTML 2Page - KITAGAWA GmbH OG-R Datasheet HTML 3Page - KITAGAWA GmbH OG-R Datasheet HTML 4Page - KITAGAWA GmbH OG-R Datasheet HTML 5Page - KITAGAWA GmbH OG-R Datasheet HTML 6Page - KITAGAWA GmbH OG-R Datasheet HTML 7Page - KITAGAWA GmbH OG-R Datasheet HTML 8Page - KITAGAWA GmbH OG-R Datasheet HTML 9Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
ON-BOARD CONTACT/OG
OG-684296
Material : Beryllium copper (t=0.15mm)
Surface treatment :Sn reflow plating
Recommended height : 7.0~9.0mm
0
5
10
15
20
25
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
Gap
(mm)
0.0
1.0
2.0
3.0
4.0
5.0
Resistance
Compression force
OG-603060
OG-603060
6.6
1.2
2
3
Material : Phosphor bronze for spring (t=0.12mm)
Surface treatment :Sn reflow plating
Recommended height : 4.2~5.5mm
0
5
10
15
20
25
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
6.7
Gap
(mm)
0.0
0.5
1.0
1.5
2.0
2.5
Resistance
Compression force
OG-603070
OG-603070
(6.6)
1.2
3
2
Material : Phosphor bronze for spring (t=0.08mm)
Surface treatment :Sn reflow plating
Recommended height : 5~6.5mm
OG-453070
4.5
2.4
3
Material : Phosphor bronze for spring (t=0.2mm)
Surface treatment :Sn reflow plating
Recommended height : 5.3~6.5mm
OG-453070
0
2
4
6
8
10
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
6.7
Gap
(mm)
0
2
4
6
8
10
Resistance
Compression force
OG-453065
0
5
10
15
20
25
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
6.3
0
1
2
3
4
5
Gap
(mm)
Resistance
Compression force
OG-453065
Material : Phosphor bronze for spring (t=0.15mm)
Surface treatment :Sn reflow plating.
Recommended height : 4.2~6.0mm
(3.9)
(1.95)
3
4.5
4.3
1.7
OG-363065HD
0
5
10
15
20
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
0.0
0.3
0.6
0.9
1.2
OG-363065HD
Resistance
Compression force
Gap
(mm)
5
3.6
1.4
Material : Beryllium copper(t=0.1mm)
Surface treatment :Sn reflow plating(Ni plated contacts)
Recommended height : 4.7~5.9mm
(1.4)
1.4
3
OG-684296
0
5
10
15
20
25
7
7.3
7.6
7.9
8.2
8.5
9
Gap
(mm)
0
1
2
3
4
5
Resistance
Compression force
6.8
5.1
2.6
2.3
4.2
3.7
Compression force vs Electric resistance
圧縮抵抗特性データ/Compression force vs Electric resistance
※Please confirm "Notes for Onboard series" on page 2 prior to purchase.
※The values are measured data for reference, not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com