Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC646 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC646
Description  HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC646 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC646 Datasheet HTML 1Page - STMicroelectronics M74HC646 Datasheet HTML 2Page - STMicroelectronics M74HC646 Datasheet HTML 3Page - STMicroelectronics M74HC646 Datasheet HTML 4Page - STMicroelectronics M74HC646 Datasheet HTML 5Page - STMicroelectronics M74HC646 Datasheet HTML 6Page - STMicroelectronics M74HC646 Datasheet HTML 7Page - STMicroelectronics M74HC646 Datasheet HTML 8Page - STMicroelectronics M74HC646 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M74HC646
M74HC648
October 1993
HC648 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE, INV.)
HC646 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE)
B1R
(Plastic Package)
ORDER CODES :
M74HCXXXM1R
M74HCXXXB1R
M1R
(Micro Package)
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN CONNECTIONS (top view)
GAB, GAB, CAB,
A, B
SAB, SBA, CBA
.
HIGH SPEED
fMAX = 73 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH=IOL = 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS646/648
DESCRIPTION
The M74HC646/648 are high speed CMOS OCTAL
BUS TRANSCEIVERS AND REGISTERS, (3-
STATE) fabricated in silicon gate C
2MOS technol-
ogy. They have the same high speed performance
of LSTTL combined with true CMOS low power con-
sumption.
These devices consist of bus transceiver circuits
with 3-state output, D-type flip-flops, and control cir-
cuitry arranged for multiplexed transmission of data
directly from the input bus or from the internal reg-
isters. Data on the A or B bus will be clocked into the
registers on the low-to-high transition of the appro-
priate clock pin (Clock AB - or Clock BA). Enable (G)
and direction (DIR) pins are provided to control the
transceiver functions. In the transceiver mode, data
present at the high-impedance port may be stored
in either register or in both.
The select controls (Select AB select BA) can multi-
plex stored and real-time (transparent mode) data.
The direction control determines which bus will re-
ceive data when enable G is active (low).
In the isolation mode (enable G high), ”A” data may
be stored in one register and/or ”B” data may be
stored in the other register. When an output function
is disabled, the input function is still enabled and
may be used to store and transmit data. Only one
of the two buses, A or B, may be driven at a time.
All inputs are equipped with protection circuits
1/12


Similar Part No. - M74HC646

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC640 STMICROELECTRONICS-M74HC640 Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
M74HC640B1R STMICROELECTRONICS-M74HC640B1R Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
M74HC640M1R STMICROELECTRONICS-M74HC640M1R Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
M74HC640RM13TR STMICROELECTRONICS-M74HC640RM13TR Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
M74HC640TTR STMICROELECTRONICS-M74HC640TTR Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
More results

Similar Description - M74HC646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
Octal bus transceiver/register 3-State
1998 Feb 17
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
Octal bus transceiver/register; 3-state
September 1993
logo
STMicroelectronics
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT646 STMICROELECTRONICS-M74HCT646 Datasheet
201Kb / 12P
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com