Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC651 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC651
Description  HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC651 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC651 Datasheet HTML 1Page - STMicroelectronics M74HC651 Datasheet HTML 2Page - STMicroelectronics M74HC651 Datasheet HTML 3Page - STMicroelectronics M74HC651 Datasheet HTML 4Page - STMicroelectronics M74HC651 Datasheet HTML 5Page - STMicroelectronics M74HC651 Datasheet HTML 6Page - STMicroelectronics M74HC651 Datasheet HTML 7Page - STMicroelectronics M74HC651 Datasheet HTML 8Page - STMicroelectronics M74HC651 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M74HC651
M74HC652
October 1993
HC652 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE)
HC651 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE, INV.)
B1R
(Plastic Package)
ORDER CODES :
M74HCXXXM1R
M74HCXXXB1R
M1R
(Micro Package)
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN CONNECTIONS (top view)
.
HIGH SPEED
fMAX = 73 MHz (TYP.) AT VCC =5V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 6 mA (mIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS651/652
DESCRIPTION
M74HC651/652 are high speed CMOS OCTAL
BUS TRANSCEIVERS AND REGISTERS (3-
STATE), fabricated in silicon gate C
2MOS technol-
ogy. They have the same high speed performance
of LSTTL combined with true CMOS low power con-
sumption. These devices consist of bus transceiver
circuits, D-type flip-flops, and control circuitry ar-
ranged for multiplexed transmission of data directly
from the input bus or from the internal storage reg-
isters. Enable GAB and GBA are provided to control
the transceiver functions.
Select AB and Select BA control pins are provided
to select whether real-time or stored data is trans-
fered. A low input level selects real-time data, and
a high selects stored data.
Data on the A or B bus, or both, can be stored in the
internal D flip-flops by low-to-high transitions at the
appropriate clock pins (CLOCK AB or CLOCK BA)
regardless of the select or enable control pins. When
select AB and select BA are in the real-time transfer
mode, it is also possible to store data without using
the internal D-type flip-flops by simultaneously en-
abling GAB and GBA. In this configuration each out-
put reinforces its input. Thus, when all other data
sources to the two sets of bus lines are at high im-
pedance, each set of bus lines will remain at its last
state. All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
GAB, GAB, CAB,
A, B
SAB, SBA, CBA
1/12


Similar Part No. - M74HC651

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC620 STMICROELECTRONICS-M74HC620 Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M74HC620B1R STMICROELECTRONICS-M74HC620B1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M74HC620C1R STMICROELECTRONICS-M74HC620C1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M74HC620F1R STMICROELECTRONICS-M74HC620F1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M74HC620M1R STMICROELECTRONICS-M74HC620M1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
More results

Similar Description - M74HC651

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
Octal bus transceiver/register 3-State
1998 Feb 17
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
Octal bus transceiver/register; 3-state
September 1993
logo
STMicroelectronics
M74HC646 STMICROELECTRONICS-M74HC646 Datasheet
202Kb / 12P
HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
M74HCT646 STMICROELECTRONICS-M74HCT646 Datasheet
201Kb / 12P
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com