Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681/R20 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST72681/R20
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681/R20 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST72681/R20 Datasheet HTML 20Page - STMicroelectronics ST72681/R20 Datasheet HTML 21Page - STMicroelectronics ST72681/R20 Datasheet HTML 22Page - STMicroelectronics ST72681/R20 Datasheet HTML 23Page - STMicroelectronics ST72681/R20 Datasheet HTML 24Page - STMicroelectronics ST72681/R20 Datasheet HTML 25Page - STMicroelectronics ST72681/R20 Datasheet HTML 26Page - STMicroelectronics ST72681/R20 Datasheet HTML 27Page - STMicroelectronics ST72681/R20 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Electrical characteristics
ST72681
24/32
Figure 11.
Typical VOL at VDD33 = 3.3V (I/O D2)
Figure 12.
Typical VOL at VDD33 = 3.3V (I/O D4)
Figure 13.
Typical VOL at VDD33 = 3.3V (I/O D8)
Figure 14.
Typical VDD33-VOH vs. VDD33 (I/O D2)
Figure 15.
Typical VDD33-VOH vs. VDD33 (I/O D4)
0
20
40
60
80
100
120
140
01
23
4
Iol (mA)
0
20
40
60
80
100
120
140
01
23
45
6
Iol (mA)
0
20
40
60
80
100
120
140
02
4
6
8
10
Iol (mA)
0
50
100
150
200
01
23
4
Ioh (mA)
0
20
40
60
80
100
120
140
160
180
01
2
3
4
5
6
Ioh (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com