Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681/R20 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST72681/R20
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681/R20 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST72681/R20 Datasheet HTML 22Page - STMicroelectronics ST72681/R20 Datasheet HTML 23Page - STMicroelectronics ST72681/R20 Datasheet HTML 24Page - STMicroelectronics ST72681/R20 Datasheet HTML 25Page - STMicroelectronics ST72681/R20 Datasheet HTML 26Page - STMicroelectronics ST72681/R20 Datasheet HTML 27Page - STMicroelectronics ST72681/R20 Datasheet HTML 28Page - STMicroelectronics ST72681/R20 Datasheet HTML 29Page - STMicroelectronics ST72681/R20 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Electrical characteristics
ST72681
26/32
7.9
Other communication interface characteristics
7.9.1
MSCI parallel interface
Figure 18.
Timing diagrams for input mode (with max load on CTRL signal = 50 pF)
Figure 19.
Timing diagrams for output mode (with max CTRL signal = 50 pF, DATA)
Table 23.
MSCI Parallel Interface: DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ. (1)
1.
Data based on design simulation and not tested in production.
Max.
Unit
tDS
Data Setup Time
11
ns
tDO
Data Output time
6
ns
CCTRL
CTRL line capacitance
50
pF
CDATA
Data line capacitance
50
pF
DATA
CTRL
external
ext device
tDS
DATA(i)
DATA(i+1)
tDS is the setup time for data sampling
DATA
CTRL
external
external
tDO
tDO is the data output time for data sampling
DATA(i)
DATA(i+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com