Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP720RB Datasheet(PDF) 13 Page - Clarke International

Part # CEP720RB
Description  82MM ELECTRIC PLANER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CEP720RB Datasheet(HTML) 13 Page - Clarke International

Back Button CEP720RB Datasheet HTML 9Page - Clarke International CEP720RB Datasheet HTML 10Page - Clarke International CEP720RB Datasheet HTML 11Page - Clarke International CEP720RB Datasheet HTML 12Page - Clarke International CEP720RB Datasheet HTML 13Page - Clarke International CEP720RB Datasheet HTML 14Page - Clarke International CEP720RB Datasheet HTML 15Page - Clarke International CEP720RB Datasheet HTML 16Page - Clarke International CEP720RB Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAKING A CHAMFER
The V-groove in the front shoe allows
you to create a sloping edge along
the corner of your workpiece.
1. Make sure that the workpiece is
secured to a stable platform.
2. Align the V-groove in the front
shoe of the planer with the corner
edge of the workpiece.
• Be sure the blades are not
touching the workpiece.
• Place some weight on the
depth adjustment knob so that
the V-groove is absolutely flat
on the edge to be beveled.
3. Press the trigger switch and
squeeze trigger switch and wait for the blade to reach full speed.
4. Push the planer forward along the grain of the wood with steady pressure
on the front shoe.
• Push the planer beyond the edge of the workpiece without tilting it
downwards.
5. Release trigger switch the and wait for the blade to stop before setting the
tool down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com