Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP720RB Datasheet(PDF) 21 Page - Clarke International

Part # CEP720RB
Description  82MM ELECTRIC PLANER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CEP720RB Datasheet(HTML) 21 Page - Clarke International

Back Button CEP720RB Datasheet HTML 16Page - Clarke International CEP720RB Datasheet HTML 17Page - Clarke International CEP720RB Datasheet HTML 18Page - Clarke International CEP720RB Datasheet HTML 19Page - Clarke International CEP720RB Datasheet HTML 20Page - Clarke International CEP720RB Datasheet HTML 21Page - Clarke International CEP720RB Datasheet HTML 22Page - Clarke International CEP720RB Datasheet HTML 23Page - Clarke International CEP720RB Datasheet HTML 24Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OTHER TOOLS IN THE CURRENT CLARKE RANGE
Replacement Blades-
CEP720RB
Palm Sander - CPS125
Power File - CPF13
•Length: 80mm
•Depth: 5.5mm
•Thickness: 1.2mm
•Part No. 6462042
•Powerful 125W motor
•No load speed:
13500rpm
•Part No. 6462061
•400w, 230v motor
•Variable speed: 300 -
1700 m/min
•Part No. 6462062
Rotary Tool Kit - CRT130
Router - CR1200
Belt Sander - BS1
•Variable Speed: 13000
- 31600rpm
•40 piece accessory kit
•Part No. 6462000
•1200w, 230v motor
•Max plunge depth:
55mm
•Part No.6462083
•900w, 230v motor.
•Belt size:76 x 533mm
•No load speed:
380m/min
•Part No. 6462050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com