Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COS210 Datasheet(PDF) 8 Page - Clarke International

Part # COS210
Description  ORBITAL SANDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

COS210 Datasheet(HTML) 8 Page - Clarke International

Back Button COS210 Datasheet HTML 4Page - Clarke International COS210 Datasheet HTML 5Page - Clarke International COS210 Datasheet HTML 6Page - Clarke International COS210 Datasheet HTML 7Page - Clarke International COS210 Datasheet HTML 8Page - Clarke International COS210 Datasheet HTML 9Page - Clarke International COS210 Datasheet HTML 10Page - Clarke International COS210 Datasheet HTML 11Page - Clarke International COS210 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
FITTING THE SANDING SHEET
With the sander disconnected from the power supply, select the sanding
sheet appropriate for the task and attach it to the base plate as follows. Either
plain sanding sheets or prepared sheets for hook and loop attachment can
be used.
PAPER SANDING SHEETS
1. Lift the retaining clips to the open
position and insert one end of the
sanding sheets under the
retaining clip.
2. Set the clip back in the retaining
position to hold the sheet and
lightly stretch it over the
baseplate, ensuring it is not folded
or wrinkled, then position it under
the other retaining clip.
3. Lock the second clip back into the retaining position.
4. Check the paper lays straight and
flat on the baseplate. If not,
release either clip and adjust the
sheet before resetting the clip.
HOOK AND LOOP SANDING SHEETS
1. Align the sanding sheet so that
the holes align with those in the
baseplate, press the sheet evenly
onto the base plate to attach it.
REPLACEMENT SHEETS
The following sanding sheets are available from your CLARKE dealer.
Grit
Size (mm)
Part No
60
93 x 287 mm
6502075
120
93 x 287 mm
6502076
240
93 x 287 mm
6502077



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com