Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COS210 Datasheet(PDF) 2 Page - Clarke International

Part # COS210
Description  ORBITAL SANDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

COS210 Datasheet(HTML) 2 Page - Clarke International

  COS210 Datasheet HTML 1Page - Clarke International COS210 Datasheet HTML 2Page - Clarke International COS210 Datasheet HTML 3Page - Clarke International COS210 Datasheet HTML 4Page - Clarke International COS210 Datasheet HTML 5Page - Clarke International COS210 Datasheet HTML 6Page - Clarke International COS210 Datasheet HTML 7Page - Clarke International COS210 Datasheet HTML 8Page - Clarke International COS210 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Orbital Sander, designed for DIY use.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission. This guarantee does not effect your
statutory rights.
SPECIFICATIONS
Rated Voltage
230V~50Hz
Power Input
200W
Duty cycle
S1 (continuous)
Speed Range (6 speeds)
1 - 6000 rpm
2 - 9000 rpm
3 - 10000 rpm
4 - 11000 rpm
5 - 12000 rpm
6 - 13000 rpm
Sound Pressure Level LpA
78 dB(A), Uncertainty Factor (K) 3 dB(A)
Sound Power Level LWA
89 dB(A), Uncertainty Factor (K) 3 dB(A)
Weight
1.4 kg
Vibration
3.703 m/s2 Uncertainty Factor (K) 1.5m/s2
Dimensions (L x W x H)
230 mm x 92 mm x 165 mm
Sanding Pad size
1/3rd sheet (94 mm x 190 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com