Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2E2 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RA2E2
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 35Page - Renesas Technology Corp RA2E2 Datasheet HTML 36Page - Renesas Technology Corp RA2E2 Datasheet HTML 37Page - Renesas Technology Corp RA2E2 Datasheet HTML 38Page - Renesas Technology Corp RA2E2 Datasheet HTML 39Page - Renesas Technology Corp RA2E2 Datasheet HTML 40Page - Renesas Technology Corp RA2E2 Datasheet HTML 41Page - Renesas Technology Corp RA2E2 Datasheet HTML 42Page - Renesas Technology Corp RA2E2 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
Table 2.31
SCI timing (2) (2 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Max
Unit*1
Test
conditions
Simple
SPI
Slave access time
2.4 V ≤ VCC ≤ 5.5 V
tSA
—
6
tPcyc
Figure 2.26
1.8 V ≤ VCC < 2.4 V
24 MHz ≤ PCLKB ≤
32 MHz
—
7
PCLKB < 24 MHz
—
6
1.6 V ≤ VCC < 1.8 V
—
6
Slave output release time 2.4 V ≤ VCC ≤ 5.5 V
tREL
—
6
tPcyc
1.8 V ≤ VCC < 2.4 V
24 MHz ≤ PCLKB ≤
32 MHz
—
7
PCLKB < 24 MHz
—
6
1.6 V ≤ VCC < 1.8 V
—
6
Note 1. tPcyc: PCLKB cycle.
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
SCKn
master select
output
SCKn
slave select input
Note:
n = 9
Figure 2.22
SCI simple SPI mode clock timing
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0150 Rev.1.50
Nov 8, 2025
Page 39 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com