Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2E2 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RA2E2
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 56Page - Renesas Technology Corp RA2E2 Datasheet HTML 57Page - Renesas Technology Corp RA2E2 Datasheet HTML 58Page - Renesas Technology Corp RA2E2 Datasheet HTML 59Page - Renesas Technology Corp RA2E2 Datasheet HTML 60Page - Renesas Technology Corp RA2E2 Datasheet HTML 61Page - Renesas Technology Corp RA2E2 Datasheet HTML 62Page - Renesas Technology Corp RA2E2 Datasheet HTML 63Page - Renesas Technology Corp RA2E2 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 101 page
background image
SDA
Timing
parameters
used
0.3 × VDD
0.7 × VDD
Active Drive by Master
Note :
Master releases or drives SDA after a
suitable delay from SCL edges
NM_SDA
CM_SDA
NM_SCL
CM_SCL
SCL
A6
A5
C1
C2
tSU_STO
tMMlock
tMMoverlap
tCAS
tSCO
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
OD or PP
Open-Drain
OD or PP
Open-Drain
Open-Drain class Pull-Up by master
High-Z by Master
Figure 2.44
I3C Timing
2.3.11
CLKOUT Timing
Table 2.39
CLKOUT timing
Parameter
Symbol
Min
Max
Unit
Test conditions
CLKOUT
CLKOUT pin output cycle*1
2.7 V ≤ VCC ≤ 5.5 V
tCcyc
62.5
—
ns
Figure 2.45
1.8 V ≤ VCC < 2.7 V
125
—
1.6 V ≤ VCC < 1.8 V
250
—
CLKOUT pin high pulse
width*2
2.7 V ≤ VCC ≤ 5.5 V
tCH
15
—
ns
1.8 V ≤ VCC < 2.7 V
30
—
1.6 V ≤ VCC < 1.8 V
150
—
CLKOUT pin low pulse
width*2
2.7 V ≤ VCC ≤ 5.5 V
tCL
15
—
ns
1.8 V ≤ VCC < 2.7 V
30
—
1.6 V ≤ VCC < 1.8 V
150
—
CLKOUT pin output rise time
2.7 V ≤ VCC ≤ 5.5 V
tCr
—
12
ns
1.8 V ≤ VCC < 2.7 V
—
25
1.6 V ≤ VCC < 1.8 V
—
50
CLKOUT pin output fall time
2.7 V ≤ VCC ≤ 5.5 V
tCf
—
12
ns
1.8 V ≤ VCC < 2.7 V
—
25
1.6 V ≤ VCC < 1.8 V
—
50
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0150 Rev.1.50
Nov 8, 2025
Page 60 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com