Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9200L Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT9200L
Description  miniature, low profile SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9200L Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT9200L Datasheet HTML 1Page - Advanced Crystal Technology ACT9200L Datasheet HTML 2Page - Advanced Crystal Technology ACT9200L Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
email :
info@actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue: 8 SKr
http://www.actcrystals.com
Date: 1/10/05
ACT9200L
TAPE & REEL SPECIFICATIONS (1K Reels )
ISO9001: 2000 Registered
4.1.0 ±0.1
2.1.0 ±0.05
1.5 ±0.1
2.2 ±0.1
AA
B
B
7.5 ±0.1
16 ±0.3
1.75
5.4 ±0.1
0.3 ±0.05
1.7 ±0.1
3° max
3.1° max
7.4 ±0.1
0.3 ±0.05
1.7 ±0.1
40°
178 ±2.0
or
330 ±2.0
21.5 ±1.0
2.0 ±0.2
Detail
2.1.0 ±0.5
13 ± 0.5
Ø
Ø23 ±0.5
80 ±0.5
68 ±0.5
Ø
Ø
Section A-A
Section B-B
Ø
Ø
8.2.0 ±0.1
Dimensions in m m
SK 4 29/3/0 4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com