Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9200L Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9200L
Description  miniature, low profile SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9200L Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9200L Datasheet HTML 1Page - Advanced Crystal Technology ACT9200L Datasheet HTML 2Page - Advanced Crystal Technology ACT9200L Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
email :
info@actcrystals.com
Enable output
Enable output
Disable output : High Impedance
100pS max @ 1.0MHz
25pS max @ 1.0MHz
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue: 8 SKr
http://www.actcrystals.com
Date: 1/10/05
Start-up Time
Tosc
10mS max
Period Jitter (Absolute)
Tj
Ageing
Fa
Other frequencies - see Note 2 below
Period Jitter (one sigma)
Tj
Tri-state Input Voltage
No Connection
VIH :
≥90% of V
DD
Other frequencies - see Note 2 below
±5ppm ±3ppm option
first year max @25°C
Output Load
5nS (35.00 ~ 99.999 MHz)
2.5nS (100.00 ~200.00 MHz)
Rise & Fall Time (max)
TrTf
10TTL / 15pF (30pF available)
VIL :
≤10% of V
DD
10nS (1.000 ~ 34.999 MHz)
fo
Temp Storage Range
Tstg
-55 to +125°C
1.000 ~ 200.00 MHz
Condition
Please specify
Parameter
Symb.
Specification
The ACT9200 family is a miniature, low profile SMD package, with a ceramic base utilising a
seam welded metal lid for high reliability and better long-term stability. The metal lid is grounded
through the package to assist with EMI emission reductions. This 7x5mm device is available as
the ACT9200 in both 3V3 and 5V0 (see ACT9200 datasheet). A 32.768kHz version is available
as the 9200WC (See 9200WC data sheet). Taped and reeled packaging (1k reels) and loose
quantities are available for purchase, to suit high and low volume production.
0.4VDC max (TTL)
10% VDD max (HCMOS)
25mA (60.001 ~ 99.999 MHz)
40mA (100.00 ~ 155.00 MHz)
2.5VDC ± 10%
1.8VDC ±10%
VOL
40/60% (Std) & 45/55% available
Duty Cycle
Please specify
Please specify
Please specify
2.4VDC min (TTL)
90% VDD min (HCMOS)
40mA (155.01 ~ 200.00 MHz)
10mA (1.000 ~ 34.999 MHz)
8mA (1.000 ~ 34.999 MHz)
20mA (35.000 ~ 60.00 MHz)
15mA (35.000 ~ 60.00 MHz)
30mA (60.001 ~ 99.999 MHz)
ACT9200L
Vdd
Temp Operating Range
Topr
Supply Voltage
Frequency Range
Specification
Frequency Stability
Δf/fo
±15ppm ~ ±100ppm
N/CL
Tw/t
Please specify
Supply Current (max)
Iop
Output Level ‘1’
VOH
0 ~ +70°Cstandard to -40 ~ +85°C
Output Level ‘0’
35mA (100.00 ~ 155.00 MHz)
35mA (155.01 ~ 200.00 MHz)
ISO9001: 2000 Registered
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Stability, Operating Temperature Range, Output Type, Output enable, Voltage, Duty Cycle
APPLICATIONS
- Microprocessor clock
- PDA / notebook
- Wireless applications
- Audio
- Gigabit ethernet
- Fibre channel
- Instrumentation
Pad surface Material
Au
NOTE1: To reduce HF power supply noise, an external bypass
capacitor of 0.01µF close to ground and Vdd is recommended.
NOTE 2: Typical (max) Jitter values in pS:
RMS(1 sigma)
Absolute (Pk-Pk)
25MHz:
6.3 (10)
17.8 (28)
33MHZ:
5.2 (10)
14.7 (28)
60MHz:
3.7 (5.0)
10.5 (14.0)
100MHz
1.0 (3.0)
2.8 (8.4)


Similar Part No. - ACT9200L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT9200 ETC-ACT9200 Datasheet
204Kb / 1P
MINIATURE LOW PROFILE SURFACE MOUNT PACKAGE
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200SSC ACT-ACT9200SSC Datasheet
479Kb / 6P
a miniature, low profile SMD
01/02/06
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
miniature, low profile SMD
26/10/05
logo
List of Unclassifed Man...
ACT9200WC ETC2-ACT9200WC Datasheet
126Kb / 3P
miniature, low profile SMD Microprocessor clock
More results

Similar Description - ACT9200L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT9200WC ETC2-ACT9200WC Datasheet
126Kb / 3P
miniature, low profile SMD Microprocessor clock
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200SSC ACT-ACT9200SSC Datasheet
479Kb / 6P
a miniature, low profile SMD
01/02/06
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
miniature, low profile SMD
26/10/05
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H Datasheet
472Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-20H EPSONTOYOCOM-FA-20H_10 Datasheet
187Kb / 1P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118 EPSONTOYOCOM-FA-118 Datasheet
376Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V_10 Datasheet
243Kb / 1P
MINIATURE SIZE LOW PROFILE SMD
logo
EUROQUARTZ limited
CXO EUROQUARTZ-CXO Datasheet
127Kb / 1P
Low Profile Miniature SMD Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com