Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9200SSC Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACT9200SSC
Description  a miniature, low profile SMD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9200SSC Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACT9200SSC Datasheet HTML 1Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 2Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 3Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 4Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 5Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
email :
info@actcrystals.com
EMI Example Test Data
Nominal Frequency 100MHz Modulation Carrier 34.678KHz
Example Whole Spectrum EMI Data
100MHz
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Issue:5 M6
Date:01/02/06
ISO9001: 2000 Registered
ACT9200SSC
4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com