Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9200SSC Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9200SSC
Description  a miniature, low profile SMD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9200SSC Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9200SSC Datasheet HTML 1Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 2Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 3Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 4Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 5Page - Advanced Crystal Technology ACT9200SSC Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
email :
info@actcrystals.com
SPECIFICATION
Freq Dependant
Spread Percentage Down spread
or Centre spread need to be
Specified when ordering.**
Tolerance ±2% of Total%
Modulation Carrier Frequency
Dependant on frequency
Output Impedance
Rise & Fall Time (max)
TrTf
MIL STD 883 Method 3015
for 13 MHz Oscillator
Notes:
**For initial design samples centre spread 1.5% is recommended.
# Tri state not available on 0.5% total spread versions.
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Issue:5 M6
Date:01/02/06
0.8V max 0.2 V typical (at 10% VDD)
Fa
first year max @25°C
±5ppm
Tosc
±250pS typical, ±300pS max
Static discharge Voltage
Tri-state#
6.9KHz min, 55.5KHz max
40 ohms typical
Tri state: output when low. Disable time 100nS max
VOL
VOH
N/CL
15pF CMOS
5mS max, 2mS Typical
100K int'l pull up resistor
Supply Voltage
Temp Operating Range
VDD
fo
Frequency Range
Frequency Stability
Δf/fo
Topr
±25ppm, ±50ppm or ±100ppm
Ageing
Output Level ‘0’
Tw/t
Output Level ‘1’
Duty Cycle
0.5#
0 ~ +70°C or -40 ~ +85°C
3.0
Temp Storage Range
ACT9200SSC
Specification
Parameter
Symbol
The ACT9200SSC is housed in a miniature, low profile SMD package, with a ceramic base
utilising a seam welded metal lid for high reliability and better long-term stability. Spread
Spectrum Technology is employed to assist with EMI emission reductions. A Low Jitter version
is available as the 9200SSCL . Taped and reeled packaging (1K reels) and loose quantities are
available, to suit high and low volume production. Other Spread Spectrum devices are available
in 5x3.2 (ACT9300SSC), DIL14 and 9.6x11.4x2.5. A 0.5% total percentage device is available to
special order (MOQ 2K).
Tstg
Output Load
Operating Current
Iop
Start-up Time
>2000V
Tj
Cycle to Cycle Jitter
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Stability, Operating Temperature Range, Centre or down Spread, Spread Percentage
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
Condition
Please specify
Please specify
Please specify
# Tri State not available.
3.3VDC ± 5%
3.500 ~160.0 MHz
-65 to +150°C
2.0V min 3.2V typical (at 90% VDD)
4.0nS max (10%VDD to 90%VDD)
Total %
Down Spread %
Centre Spread % ©
-0.5#
±0.25#
45/55%
CL=15pF: @50%VDD
1.0
7mA (10MHz) 8mA (32.768MHz)
17mA (75MHz) 18mA (125MHz)
EMI Reduction
-7dBc 100MHz at C=0.25#
-9dBc min 100MHz at C=0.5
-15dBc min 100MHz at C=1.5
dBc: with respect to EMI
level with no modulation.
See examples
±0.5
-3%
Please specify
1
±1.5
1 of 6


Similar Part No. - ACT9200SSC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
miniature, low profile SMD
26/10/05
More results

Similar Description - ACT9200SSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT9200WC ETC2-ACT9200WC Datasheet
126Kb / 3P
miniature, low profile SMD Microprocessor clock
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
miniature, low profile SMD
1/10/05
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
miniature, low profile SMD
26/10/05
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H Datasheet
472Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-20H EPSONTOYOCOM-FA-20H_10 Datasheet
187Kb / 1P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118 EPSONTOYOCOM-FA-118 Datasheet
376Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V_10 Datasheet
243Kb / 1P
MINIATURE SIZE LOW PROFILE SMD
logo
EUROQUARTZ limited
CXO EUROQUARTZ-CXO Datasheet
127Kb / 1P
Low Profile Miniature SMD Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com