Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9200SSCL Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT9200SSCL
Description  miniature, low profile SMD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9200SSCL Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT9200SSCL Datasheet HTML 1Page - Advanced Crystal Technology ACT9200SSCL Datasheet HTML 2Page - Advanced Crystal Technology ACT9200SSCL Datasheet HTML 3Page - Advanced Crystal Technology ACT9200SSCL Datasheet HTML 4Page - Advanced Crystal Technology ACT9200SSCL Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
email :
info@actcrystals.com
EMI Reduction Data
Main mode: EMI reduction:
Total spread % x frequency(fo)
3rd Harmonic: EMI reduction:
5th Harmonic: EMI reduction:
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Issue:4 M6
Date:26/10/05
dB
0.12
10Log
(
Total spread % x frequency(fo)x5
)
ISO9001: 2000 Registered
101.875000
99.375000
100.625000
10Log
(
+1.875%
-30000ppm
0ppm
-15000ppm
+15000ppm
3.75
-3.75%
0%
-1.875%
96.250000
100.000000
98.125000
96.500000
100.000000
98.250000
101.750000
101.250000
3.5
-3.5%
0%
-1.75%
+1.75%
-35000ppm
0ppm
-17500
+17500
+1.5%
-30000ppm
0ppm
-15000ppm
+15000ppm
3.0**
-3.0%
0%
-1.5%
97.500000
100.000000
98.750000
99.000000
100.000000
99.500000
100.500000
101.000000
2.5
-2.5%
0%
-1.25%
+1.25%
-25000
0ppm
-12500
+12500
+1.0%
-20000
0ppm
-10000
+10000
2.0
-2.0%
0%
-1.0%
98.000000
100.000000
-99.000000
Principle of Spread Spectrum (continued from page 2
(
Total spread % x frequency(fo)x3
)
)
dB
+2500ppm
ACT9200SSCL
99.500000
100.000000
99.750000
100.250000
Up Range
+0.25%
Down Range
Up Range
Spread Spectrum Clock (SSC), the mode energy of a spread spectrum clock is spread over a
wider bandwidth, resulting from the frequency modulation technique. The modulation carrier
frequency is in the KHz range which makes the modulation process transparent to the oscillator
frequency. The controlled modulation process can be on all of one side of the nominal frequency
(DOWN SPREAD) or equally spread either side of the nominal frequency (CENTRE SPREAD) . If
OVER-CLOCKING is a problem to the system then the down spread is preferred.
Down Spread
Centre Spread
Instantaneous Frequencies (100MHz Nominal Frequency)
Down Range
1.25
-5000ppm
99.250000
-0.5%
-0.75%
0%
-0.25%
Total Spread
%
0.5
Max
0.75
Min
Max
Min
0%
-0.375
100.000000
99.625000
0ppm
-2500ppm
+0.375
-7500
0ppm
-3750
-3750
100.375000
-1.25%
0%
-0.625%
+0.625
98.750000
100.000000
0.12
-12500
0ppm
-6250
+12650
0.12
dB
10Log
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com