Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9200SSCL Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9200SSCL
Description  miniature, low profile SMD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9200SSCL Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9200SSCL Datasheet HTML 1Page - Advanced Crystal Technology ACT9200SSCL Datasheet HTML 2Page - Advanced Crystal Technology ACT9200SSCL Datasheet HTML 3Page - Advanced Crystal Technology ACT9200SSCL Datasheet HTML 4Page - Advanced Crystal Technology ACT9200SSCL Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
email :
info@actcrystals.com
SPECIFICATION
Freq Dependent
Operating Current
Iop
Spread Percentage
Down spread or
EMI Reduction
Equals 10Log(Total%x Frequency (MHz))xHarmonic / 0.12
See examples
Modulation Carrier Frequency
Frequency dependant
Output Impedance
Rise & Fall Time (max)
TrTf
MIL STD 883 Method 3015
for 13 MHz Oscillator
**
** Refer to Page 3
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Issue:4 M6
Date:26/10/05
-3.5
±1.75
Centre spread need to be
specified when ordering.
Tolerance ±30% of Total%
-2.5
±1.5**
±1.875
3.80
-3.75
3.3VDC ± 5%
13.000 ~220.0 MHz
1.2nS max (20%VDD to 80%VDD)
2.4V min (at 80% VDD)
0.4V max (at 20% VDD)
-65 to +150°C
45/55%
2.50
3.50
Total %
Condition
Please specify
Please specify
Down Spread %
Centre Spread %
25mA typical
Please specify
** For initial trial
samples the centre
spread ±1.5% is
recommended
Cycle to Cycle Jitter
±150pS max, ±100pS Typical
Fa
Tosc
Tj
Static discharge Voltage
Start-up Time
Ageing
Tstg
Output Load
Output Level ‘0’
Output Level ‘1’
Duty Cycle
Temp Storage Range
VOL
VOH
Tw/t
first year max @25°C
±5ppm
5mS max, 2mS Typ
Pin 1 must be O/C
>2000V
ACT9200SSCL
Parameter
Symbol
Specification
Supply Voltage
The ACT9200SSCL is housed in a miniature, low profile SMD package, with a ceramic base utilising
a seam welded metal lid for high reliability and better long-term stability. Spread Spectrum
Technology is employed to assist with EMI emission reductions. This 7x5mm device is available
with CMOS output with a supply voltage of 3.3V This version offers a lower jitter than the standard
9200SSC version. Taped and reeled packaging (1K reels) and loose quantities are available for
purchase, to suit high and low volume production. Other Spread Spectrum devices available in
DIL14 and 9.6x11.4x2.5 on request.
Temp Operating Range
VDD
fo
Frequency Range
Frequency Stability
±25ppm, ±50ppm or ±100ppm
0 ~ +70°C or -40 ~ +85°C
Δf/fo
Topr
±1.25
2.00
-2
±1.0
3.00
-3
0.50
-0.5
±0.25
1.30
-1.25
±0.625
0.75
-0.75
±0.375
Tri-state
25.3 KHz min, 58.6KHz max
40 ohms typical
Not Available
15pF CMOS
N/CL
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Stability, Operating Temperature Range, Centre or down Spread, Spread Percentage
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
APPLICATIONS
- Networking
- Embedded Systems
- GPS
- LCD Displays
- ADSL, PCMCIA
- Digital Imaging
- Instrumentation
Page 1 of 5


Similar Part No. - ACT9200SSCL

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9200SSC ACT-ACT9200SSC Datasheet
479Kb / 6P
a miniature, low profile SMD
01/02/06
More results

Similar Description - ACT9200SSCL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT9200WC ETC2-ACT9200WC Datasheet
126Kb / 3P
miniature, low profile SMD Microprocessor clock
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
miniature, low profile SMD
1/10/05
ACT9200SSC ACT-ACT9200SSC Datasheet
479Kb / 6P
a miniature, low profile SMD
01/02/06
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H Datasheet
472Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-20H EPSONTOYOCOM-FA-20H_10 Datasheet
187Kb / 1P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118 EPSONTOYOCOM-FA-118 Datasheet
376Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V_10 Datasheet
243Kb / 1P
MINIATURE SIZE LOW PROFILE SMD
logo
EUROQUARTZ limited
CXO EUROQUARTZ-CXO Datasheet
127Kb / 1P
Low Profile Miniature SMD Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com