Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9301 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9301
Description  miniature SMD clock oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9301 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9301 Datasheet HTML 1Page - Advanced Crystal Technology ACT9301 Datasheet HTML 2Page - Advanced Crystal Technology ACT9301 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification
Output
Supply Voltage
Vdd
Output Load
N/CL
(*) available enquire
Output Level '0'
VOL
Output Level '1'
VOH
Supply Current max
Iop
Enable Voltage High
VIH
Enable Voltage Low
VIL
Standby Current
IST
Output Disable Time
TDIS
Output Enable Time
TEN
Rise and Fall Time
Tr/Tf
Start-up Time
Tosc
Aging
Δf/f
0
Phase Jitter
Re-flow condition
** Inclusive of 25°C Tolerance, Operating Temperature, Vdd, load, first year aging, shock and vibration
* Dependant on frequency f
o
Issue
1T6
Date
0.1 Vdd max
0.9 Vdd min
10ns max
70% Vdd min
10TTL
45mA
30mA
30mA
30mA
20mA
45mA
15(*50)pF
0.4V
2.4v
Others available
please specify
5.0V
3.3V
2.8V
2.5V
1.8V
Please specify
260°C 10 sec max
10ps max
+/-3.0ppm max
Pin1
10% Vdd max
Pin1
Duty Cycle
40/60% Standard (45/55% Available)
Please specify
Tw/t
15(*30)pF 15(*30)pF
Storage Temperature Range
-55 ~ 125°C
Tstg
5.0V
CMOS
TTL
15(*30)pF
15pF
Frequency stability
+/-25ppm over -20 ~ +70°C
**
+/-20ppm over -10 ~ +70°C
**
Condition
Frequency Range
1.5 ~125MHz
Please specify
Symbol
ACT9301
Parameter
Specification
+/-50ppm over -40 ~ +85°C
**
f0
Δf/f
1
25/08/2005
10
μA max
100ns max
10ms max
100ns max
The ACT9301 family is a miniature SMD clock oscillator in a ceramic package with a seam welded
metal lid. The metal lid is grounded via the package to assist with EMI emission control. This
3.2x2.5mm packaged device is available in frequencies from 1.5 to 125 MHz. Taped and reeled
packaging and loose quantities are available for purchase, to suit high and low volume requirements.
The device is offered in a variety of voltages between 1.8 and 5V for a CMOS Output and 5V for a
TTL output..
Please note that all parameters can not necessarily be specified in the same device.
Customer to specify: Frequency,Stability,Operating temperature range, Output and supply voltage
n line with our ongoing policy of product evolvement the above specification may be subject to change without notice
.
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre: Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Lead Free -RoHS comp.
Pad surface Material Au
Page 1 of 3


Similar Part No. - ACT9301

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
miniature low profile Surface Mount
29/07/2006
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
More results

Similar Description - ACT9301

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-32F KSS-FXO-32F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1 Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1E MICROCRYSTAL-MCSO1E Datasheet
72Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1F MICROCRYSTAL-MCSO1F Datasheet
57Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1FV MICROCRYSTAL-MCSO1FV Datasheet
57Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1H MICROCRYSTAL-MCSO1H Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1HV MICROCRYSTAL-MCSO1HV Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1V MICROCRYSTAL-MCSO1V Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1EL MICROCRYSTAL-MCSO1EL Datasheet
76Kb / 2P
Miniature SMD Clock-Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com