Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON720RHD Datasheet(PDF) 7 Page - Clarke International

Part # CON720RHD
Description  ROTARY HAMMER DRILL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON720RHD Datasheet(HTML) 7 Page - Clarke International

Back Button CON720RHD Datasheet HTML 3Page - Clarke International CON720RHD Datasheet HTML 4Page - Clarke International CON720RHD Datasheet HTML 5Page - Clarke International CON720RHD Datasheet HTML 6Page - Clarke International CON720RHD Datasheet HTML 7Page - Clarke International CON720RHD Datasheet HTML 8Page - Clarke International CON720RHD Datasheet HTML 9Page - Clarke International CON720RHD Datasheet HTML 10Page - Clarke International CON720RHD Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
Before switching the product on, make sure that the voltage of your electricity supply
is the same as that indicated on the rating plate. Connecting it to any other power
source may cause damage.
If it is necessary to change the fuse in the plug, the fuse cover must be refitted. If the
fuse cover becomes lost or damaged, the plug must not be used until a suitable
replacement is obtained.
If the plug has to be changed due to damage, a replacement should be fitted,
following the wiring instructions shown below. The old plug must be disposed of as
insertion into a mains socket could cause an electrical hazard.
If the colours of the wires in the power cable of this product do not correspond with
the markings on the terminals of your plug, proceed as follows.
• The wire coloured Blue
must be connected to
the terminal marked N
or coloured Black.
• The wire coloured
Brown must be
connected to the
terminal marked L or
coloured Red.
We strongly recommend that
this machine is connected to
the mains supply via a Residual
Current Device (RCD)
If in any doubt, consult a qualified electrician. DO NOT attempt any repairs yourself.
This symbol indicates that this is a Class II product, and does not
require an earth connection.
WARNING: READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO THE
MAINS SUPPLY.
WARNING: THE WIRES IN THE POWER CABLE OF THIS PRODUCT
ARE COLOURED IN ACCORDANCE WITH THE FOLLOWING
CODE:
BLUE = NEUTRAL
BROWN = LIVE
Plug must be BS1363/A approved.
Always fit
Ensure that the outer sheath of
Neutral
(Blue)
Live
(Brown)
a 13 Amp
the cable is firmly held by the clamp
fuse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com