Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON720RHD Datasheet(PDF) 12 Page - Clarke International

Part # CON720RHD
Description  ROTARY HAMMER DRILL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON720RHD Datasheet(HTML) 12 Page - Clarke International

Back Button CON720RHD Datasheet HTML 8Page - Clarke International CON720RHD Datasheet HTML 9Page - Clarke International CON720RHD Datasheet HTML 10Page - Clarke International CON720RHD Datasheet HTML 11Page - Clarke International CON720RHD Datasheet HTML 12Page - Clarke International CON720RHD Datasheet HTML 13Page - Clarke International CON720RHD Datasheet HTML 14Page - Clarke International CON720RHD Datasheet HTML 15Page - Clarke International CON720RHD Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
DRILLING TIPS
• Always use sharp, good quality drill bits. The performance of your drill is
dependant on the quality of the bits used.
• After drilling material to the full depth, do not simply pull out the drill but
maintain chuck rotation to ease withdrawal.
• Reduce the pressure on the drill bit when it is about to break through. This will
prevent the drill from jamming.
• If drilling a large hole, first drill a pilot hole using a smaller drill bit.
• Always apply pressure to your drill bit in a straight line and, where possible, at
right angles to the workpiece.
• When drilling in metal, the materials being drilled can become hot. To reduce
overheating use a suitable cooling lubricant. No cooling lubricant is necessary
when drilling cast iron or brass as they should be drilled dry.
• When drilling metal, the harder the metal the slower the drill speed. Similarly,
the bigger the drill bit the slower the speed.
• To prevent the drill bit from slipping when starting to drill a hole in metal, use a
centre punch to make an indentation at the start point.
• Always start drilling at a slow speed to prevent the drill from slipping out of the
pop mark or indent, gradually increasing speed until the optimum cutting speed
is achieved whilst maintaining a MODERATE pressure ONLY. NEVER force the
drill bit into the work. This will overheat the tip and cause it to dull very quickly.
• When drilling in wood, clamp a piece of scrap wood to the underside of the
material to avoid splintering.
• Large holes should be drilled with wood augers, flat wood bits or hole saws.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com