Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2405MGU-RSP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG2405MGU-RSP
Description  HyperLink Wireless 2.4 GHz 5 dBi Magnetic Mount Omni Wireless LAN Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2405MGU-RSP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG2405MGU-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2405MGU-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-COM, INC. 45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
WWW.L-COM.COM E-MAIL: SALES@L-COM.COM PHONE: 1-800-343-1455 FAX: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Mechanical Specifications
Weight
< 0.5 lbs. (.23 kg) with base
Length
10 in. (254 mm) including base
Base Diameter
3 in. (76.2 mm)
Finish
Nickel Plated Steel
Mounting
Magnetic (or fixed option)
Operating Temperature
-40° C to 85° C
(-40° F to 185° F)
Polarization
Vertical
Wind Survival
> 200 MPH
RF Antenna Patterns
Guaranteed Quality
This product is backed by L-Com's Limited Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com