Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2405MGU-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2405MGU-RSP
Description  HyperLink Wireless 2.4 GHz 5 dBi Magnetic Mount Omni Wireless LAN Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2405MGU-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2405MGU-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2405MGU-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-COM, INC. 45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
WWW.L-COM.COM E-MAIL: SALES@L-COM.COM PHONE: 1-800-343-1455 FAX: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 5 dBi Magnetic Mount Omni
Wireless LAN Antenna – Model: HG2405MGU
Applications and Features
Applications:
2.4 GHz ISM Band
IEEE 802.11b and 802.11g Wireless LAN
Bluetooth®
WiFi
Wireless Video Systems
Multipoint and Mobile Applications
Features:
Superior performance
Compact size
Magnetic base with 10 ft. high performance low-loss 195-series
cable
Weather-Proof
Fixed mounts available
Description
Antenna Kit Application
This very compact yet high performance 2.4GHz mobile omnidirectional WiFi antenna is ideally suited for
multipoint mobile applications including service vehicles, public transportation, law enforcement, mining and
construction vehicles, as well a numerous other commercial and industrial applications where mobility and wide
coverage is desired. It is compatible with IEEE 802.11b and 802.11g wireless LANs, Bluetooth® and other WLAN
applications.
Rugged and Weatherproof
This compact RF antenna features a standard TAD/NMO Motorola-type mobile base coupled with a magnetic
mounting system and 10 feet of high performance low-loss 195-Series cable terminated with an N-Female or N-
Male connector. A fixed mount is also available for permanent installation through the roof or other vehicle
surface.
Specifications
Electrical Specifications
Frequency
2400-2500 MHz
Gain
5 dBi
Impedance
50 Ohm
VSWR
1:1.5 max
Maximum Input Power
100 W


Similar Part No. - HG2405MGU-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2405MGU-RTP L-COM-HG2405MGU-RTP Datasheet
93Kb / 2P
HyperLink Wireless 2.4 GHz 5 dBi Magnetic Mount Omni Wireless LAN Antenna
More results

Similar Description - HG2405MGU-RSP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com