Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9325 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT9325
Description  miniature low profile Surface Mount package clock oscillator,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9325 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT9325 Datasheet HTML 1Page - Advanced Crystal Technology ACT9325 Datasheet HTML 2Page - Advanced Crystal Technology ACT9325 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACT9325 continued
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 2/SKr
http://www.actcrystals.com
Date 29/10/07
Tel: 0044 (0)118 979 1238
ISO9001: 2000 Registered
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
1K pieces per reel
Materials:
Tape: P.S. Black reference R-0.2
Reel: P.S. White.
Cover tape:
13~14mm ( width ) x 0.06mm
(Thickness).
2of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com