Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9325 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9325
Description  miniature low profile Surface Mount package clock oscillator,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9325 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9325 Datasheet HTML 1Page - Advanced Crystal Technology ACT9325 Datasheet HTML 2Page - Advanced Crystal Technology ACT9325 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Please specify
Please specify
Supply Voltage
VDD
Please specify
Output
Please specify
Supply Current (max)
IDD
( 1.000 to 50.000MHz )
Rise & Fall Time (max)
Tr/Tf
No Connection: Output enabled
VIH : ≥0.7 VDD: Output enabled
VIL : ≤0.3 VDD: Output disabled (High impedance)
Reflow Profile
APPLICATIONS
-Microprocessor clock
-PDA/Notebook
-Wireless applications
-Ethernet
-Fibre channel
-Instrumentation
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 2/SKr
http://www.actcrystals.com
Date 29/10/07
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
Please specify
HCMOS
ACT9325
Specification
Specification
ISO9001: 2000 Registered
VOL
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Stability, Operating Temperature Range, Voltage, Duty Cycle
Parameter
Symbol
The ACT9325 family is a miniature low profile Surface Mount package clock oscillator, housed in
a ceramic package, with a seam welded metal lid for high reliability and long term stability. The
metal lid is grounded via the package to assist with EMI emission control. This 3x2.5mm
packaged device is available in 1.8 ~ 3.3 volt supply voltages and is suitable for a wide range of
applications. Taped and reeled packaging and loose quantities are available for purchase, to suit
high and low volume requirements. The pads are gold plated which enables a variety of
assembly processes, including wire bonding.
Fa
Aging
Tosc
Frequency Range
1.000 to 50.000MHz
Operating Temperature Range
At 50% of Waveform (HCMOS Load)
1.8VDC±10%
Period Jitter (One sigma)
Period Jitter ( pk~pk )
Start-up Time
25pS max
10mS max
100pS max
10 sec @ 260°C max (refer to page 3 for profile)
±5 ppm / yr. max @25°C (±3ppm available to custom order)
Tri-state Input Voltage
15pF HCMOS Load ( Std )
90% VDD min (HCMOS)
0 ~ +70°C & -40 ~ +85°C
±20, ±25, ±50 or ±100ppm
-55 to +125°C
40/60% Std, ( Option 45/55% )
( Inclusive of Operating Temperature Range, Supply Voltage & Load )
10nS max
Output Load
Output Level ‘1’
N/CL
1.8V, 2.5V, 3.3V
Frequency Stability
Δf/f0
Tstg
Topr
Tw/t
Storage Temperature Range
Duty Cycle
10% VDD max (HCMOS)
VOH
Output Level ‘0’
2.5VDC±10%
3.3VDC ±10%
10mA max
15mA max
25mA max
Pad finish: Au
1of 3


Similar Part No. - ACT9325

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
miniature low profile Surface Mount
29/07/2006
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
ACT9301 ACT-ACT9301 Datasheet
256Kb / 3P
miniature SMD clock oscillator
25/08/2005
ACT9353 ACT-ACT9353 Datasheet
138Kb / 2P
miniature low profile Clock Oscillator,
12/10/05
More results

Similar Description - ACT9325

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT9200 ETC-ACT9200 Datasheet
204Kb / 1P
MINIATURE LOW PROFILE SURFACE MOUNT PACKAGE
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
Low Profile, Miniature, Surface Mount Relay
logo
STATEK CORPORATION
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CXO3M STATEK-CXO3M Datasheet
230Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
miniature low profile Surface Mount
29/07/2006
ACT9353 ACT-ACT9353 Datasheet
138Kb / 2P
miniature low profile Clock Oscillator,
12/10/05
logo
STATEK CORPORATION
CXO3M STATEK-CXO3M_12 Datasheet
295Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG_12 Datasheet
406Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com