Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2405RD-1-RTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2405RD-1-RTP
Description  4.5 dBi Rubber Duck Antenna 2,400-2,500 MHz RP-TNC Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2405RD-1-RTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2405RD-1-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2405RD-1-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2405RD-1-RTP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
HG2405RD-1-RTP REV 1.1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
4.5 dBi Rubber Duck Antenna 2,400-2,500 MHz RP-TNC Connector
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
4.5 dBi Rubber Duck Antenna 2,400-2,500 MHz RP-TNC Connector HG2405RD-1-RTP
Features
•
Flexible “Rubber Duck” Antenna
•
Optional Magnetic Mount Available
•
High Performance 4.5 dBi
•
Reverse Polarity TNC Plug Connector
•
Tilt and Swivel Design
Applications
•
Multipoint and Mobile Applications & Bluetooth®
•
2.4 GHz ISM Band
•
IEEE 802.11b, 802.11g, 802.11x (WiFi 6) Wireless LAN & IEEE
802.11n (Pre-N, Draft-N) Applications
•
Public Wireless Hotspot
•
Wireless Video Systems
•
IoT Systems
Description
The HG2405RD-1-RTP from L-com is an economical yet high performance omnidirectional “rubber-duck” antenna designed for the 2.4
GHz ISM band. It features a tilt-and-swivel Reverse Polarity TNC (RP-TNC) male connector, allowing them to be used vertically, at a
right angle, or any angle in-between. It is a coaxial sleeve design with an omni-directional pattern. It is ideally suited for IEEE 802.11b,
802.11g, 802.11n and 802.11ax (WiFi 6) Wireless LANs, Bluetooth, IoT and other applications.
The L-com high performance rubber-duck HG2405RD-1-RTP is a flexible antenna providing broad coverage and 4.5 dBi gain.
Measuring 8.0 inches long, this 4.5 dBi antenna makes a great upgrade to OEM supplied antennas. It is suitable as a replacement RF
antenna for 2.4 GHz radios that are equipped with RP-TNC connectors.
This 2.4 GHz WiFi antenna, as well as our wide selection of superior quality RF parts, ship same day. Contact our knowledgeable and
friendly technical support and sales staff for your answers on antennas or other L-com products.
Configuration
Design
Rubber Duck
Band Type
Single
Polarization
Linear
Connector Type
TNC Male Reverse Polarity
Number of Ports
1
Housing Material and Plating
TPEE, Black
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
2,400
2,500
MHz
Input VSWR
2:1
Impedance
50
Ohms
Gain
4.52
dBi
Input Power
10
Watts
.
HG2405RD-1-RTP


Similar Part No. - HG2405RD-1-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2405RD-1-RSP L-COM-HG2405RD-1-RSP Datasheet
425Kb / 3P
2.4 GHz 4.5 dBi Rubber Duck Antenna RP-SMA Plug Connector
04/03/18
More results

Similar Description - HG2405RD-1-RTP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com