Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2405RD-1-RTP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG2405RD-1-RTP
Description  4.5 dBi Rubber Duck Antenna 2,400-2,500 MHz RP-TNC Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2405RD-1-RTP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG2405RD-1-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2405RD-1-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2405RD-1-RTP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
HG2405RD-1-RTP REV 1.1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
4.5 dBi Rubber Duck Antenna 2,400-2,500 MHz RP-TNC Connector
HG2405RD-1-RTP
Mechanical Specifications
Housing Material
TPEE
Housing Plating/Color
Black
Radiator Material
Copper
Size
Length
8.19 in [208.03 mm]
Width
0.51 in [12.95 mm]
Height
0.51 in [12.95 mm]
Weight
0.5 lbs [226.8 g]
Environmental Specifications
Temperature
Operating Range
-40 to +65 deg C
Storage Range
-40 to +80 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
4.5 dBi Rubber Duck Antenna 2,400-2,500 MHz RP-TNC Connector from L-com has same day shipment for domestic and International
orders. Our portfolio includes coaxial cable assemblies, connectors, adapters and custom products as well as lightning and surge
protectors, NEMA rated enclosures, and an RF product line which includes antennas, amplifiers, passive, and active components.
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary
to make modifications to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes
as required. Unless otherwise stated, all specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part
described herein for any particular purpose, and L-com does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com