Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2407MGRD-RSP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG2407MGRD-RSP
Description  HyperLink Wireless 2.4 GHz 7 dBi Omnidirectional Rubber Duck Wireless LAN Antenna with Magnetic Base
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2407MGRD-RSP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG2407MGRD-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2407MGRD-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Mechanical Specifications
Weight
.23 lbs. (.10 kg)
Length
14.5" (368 mm)
Base Diameter
1.6" (40.6 mm)
Finish
Matte Black
Connector
Reverse Polarity SMA Plug
Mounting
Magnetic Base
Operating Temperature
-40° C to 60° C
(-40° F to 140° F)
Polarization
Vertical
Flame Rating
UL 94HB
RoHS Compliant
Yes
Antenna Gain Pattern
Guaranteed Quality
This product is backed by L-Com’s Limited Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com