Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2407MGRD-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2407MGRD-RSP
Description  HyperLink Wireless 2.4 GHz 7 dBi Omnidirectional Rubber Duck Wireless LAN Antenna with Magnetic Base
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2407MGRD-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2407MGRD-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2407MGRD-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 7 dBi
Omnidirectional Rubber Duck Wireless LAN
Antenna with Magnetic Base
Applications and Features
Applications:
2.4 GHz ISM Band
IEEE 802.11b and 802.11g Wireless LAN
Bluetooth®
Public Wireless Hotspot
WiFi
Wireless Video Systems
Multipoint and Mobile Applications
Features:
Superior performance
Compact, lightweight design
Flexible "Rubber Duck" antenna
Magnetic base with 5 ft. high performance low-
loss 100-series cable
RP-SMA Plug connector
Antenna features tilt and swivel design
RoHS Compliant
Model: HG2407MGRD
Description
High Performance
This high performance 2.4GHz omnidirectional "rubber-duck" WiFi antenna provides broad coverage and 7 dBi gain. It is a
coaxial sleeve design with an omni-directional pattern. It is ideally suited for IEEE 802.11b and 802.11g wireless LANs,
Bluetooth® and other WLAN applications. This antenna includes a magnetic base suitable for fixing to vehicles* or other metal
surfaces as well as sitting on a tabletop or shelf. The 5 ft. (1.5m) High Performance Low-Loss 100 Series cable allows the user to
position the antenna away from any obstacles or interference.
*Installation Note: This mount is not intended for use outside moving vehicles, such as on a trunk lid or roof.
Specifications
Electrical Specifications
Frequency
2400-2500 MHz
Gain
7 dBi
Horizontal Beam Width
360°
Vertical Beam Width
20° ±5°
Impedance
50 Ohm
Max. Power
50W
VSWR
< 2.0
Lightning Protection
DC Ground


Similar Part No. - HG2407MGRD-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2407MGRD-RTP L-COM-HG2407MGRD-RTP Datasheet
123Kb / 2P
HyperLink Wireless 2.4 GHz 7 dBi Omnidirectional Rubber Duck Wireless LAN Antenna with Magnetic Base
More results

Similar Description - HG2407MGRD-RSP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
logo
Pasternack Enterprises,...
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com