Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2408U-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2408U-RSP
Description  HyperLink Wireless 2.4 GHz 8 dBi Omnidirectional Wireless LAN Antenna HyperGain
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2408U-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2408U-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2408U-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 8 dBi Omnidirectional Wireless
LAN Antenna HyperGain® Model: HG2408U
Applications and Features
Applications:
2.4 GHz ISM Band
2.36 GHz CDMA Band
IEEE 802.11b and 802.11g Wireless LAN
Bluetooth®
Public Wireless Hotspot
WiFi
Multipoint and Mobile Applications
Features:
Superior performance
Compact, lightweight design
Durable UV-stable fiberglass radome
All weather operation
12" coax lead
Includes mounting system
Features
Performance
The HyperGain
® HG2408U is a very compact yet high performance omnidirectional WiFi antenna designed for the 2.4GHz ISM
band. It is ideally suited for multipoint and mobile applications where high gain and wide coverage is desired. Additional
applications include IEEE 802.11b and 802.11g wireless LANs, Bluetooth
®, public wireless hotspot applications.
Rugged and Weatherproof
This antenna’s construction features a durable fiberglass radome for durability and aesthetics. Its mounting system features a
heavy-duty extruded aluminum bracket and stainless steel U-Bolt for superior strength.
Specifications
Electrical Specifications
Frequency
2400-2500 MHz
Gain
8 dBi
Impedance
50 Ohm
Max. Input Power
100 Watts
VSWR
< 2.0:1 avg.


Similar Part No. - HG2408U-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2408U-RTP L-COM-HG2408U-RTP Datasheet
113Kb / 2P
HyperLink Wireless 2.4 GHz 8 dBi Omnidirectional Wireless LAN Antenna HyperGain®
More results

Similar Description - HG2408U-RSP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com