Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2409MGRD-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2409MGRD-RSP
Description  2.4 GHz 9dBi RUBBER DUCK ANTENNA W/MAG MOUNT, 5 FOOT 100 SERIES CABLE AND CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2409MGRD-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2409MGRD-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.6 41
90°
5 FOOT
100 SERIES
CABLE
SEE CHART FOR
CONNECTOR TYPE
ANTENNA AND MAG BASE
SHIPPED UNASSEMBLED
NOTES:
PACKAGING:
EACH COMPONENT SHALL BE INDIVIDUALLY PACKAGED
IN ACCORDANCE WITH L-COM SPECIFICATION PKG-00031
REGULATORY COMPLIANCE:
RoHS, CE
MODEL# HG2409MGRD-
APM
ALPROX MALE
MC
MC CARD MALE
MCX
MCX MALE
MM
MMCX MALE
MMR
MMCX R/A
NM
N-MALE
RSP
RP SMA PLUG
RTJ
RP TNC JACK
RTP
RP TNC PLUG
SEP
SE PLUG
SM
SMA MALE
SMR
SMA MALE R/A
SBP
SBP PLUG
SBJ
SBJ JACK
SNP
SMA NANO PLUG
NF
N-FEMALE
RBP
RP BNC PLUG
RSJ
RP SMA JACK
TM
TNC MALE
BM
BNC MALE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2409MGRD
A
HG2409MGRD.SLDDRW
1
1
P.PESA
07/09/13
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
07/09/13
07/09/13
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
2.4 GHz 9dBi RUBBER DUCK ANTENNA W/MAG
MOUNT, 5 FOOT 100 SERIES CABLE AND CONNECTOR
ANTENNA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
07/09/13
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - HG2409MGRD-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409MGU-NF L-COM-HG2409MGU-NF Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
HG2409MGU-NM L-COM-HG2409MGU-NM Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
HG2409MGU-RSP L-COM-HG2409MGU-RSP Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
HG2409MGU-RTP L-COM-HG2409MGU-RTP Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
More results

Similar Description - HG2409MGRD-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
PE51095 PASTERNACK-PE51095 Datasheet
296Kb / 1P
Mini Tri-Band Rubber Duck Antenna 2dBi
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
logo
Neutrik AG
NXPA-9-360-12-5 NEUTRIK-NXPA-9-360-12-5 Datasheet
34Kb / 1P
5 GHz antenna 9dBi 360째H 12.5째V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com