Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2409Y-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2409Y-RSP
Description  HyperLink Wireless 2.4 GHz 9 dBi Radome Enclosed Wireless LAN Yagi Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2409Y-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2409Y-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2409Y-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 9 dBi Radome Enclosed
Wireless LAN Yagi Antenna
Applications and Features
Applications:
2.4 GHz ISM Band
IEEE 802.11b and 802.11g Wireless LAN
Directional and multipoint applications
Bluetooth
®
Public Wireless Hotspot
WiFi
Features:
Superior performance
Light weight
All weather operation
UV-stable, UL flame rated radome
60° beam-width
DC Short lightning protection
Can be installed for either vertical or horizontal
polarization
Includes tilt and swivel mast mount
Optional wall/ceiling mount available
Model: HG2409Y
Description
Superior Performance
The HyperGain
® HG2409Y Radome Enclosed Yagi WiFi Antenna features high gain
and a 60° beam-width. It is ideally suited for directional and multipoint IEEE 802.11b
and 802.11g wireless LANs, Bluetooth®, public wireless hotspot applications and
other systems operating in the 2.4GHz ISM band. The unique design of this antenna
allows it to be installed for either vertical or horizontal polarization.
Rugged and Weatherproof
This WiFi antenna is enclosed within a UV-stable, UL flame rated radome for all-
weather operation. The HG2409Y antenna is supplied with a 60 degree tilt and
swivel mast mount kit.
Specifications
Electrical Specifications
Frequency
2400-2500 MHz
Gain
9 dBi
-3 dB Beam Width
60 degrees
Impedance
50 Ohm
Max. Input Power
50 Watts
VSWR
< 1.5:1 avg.
Lightning Protection
DC Short


Similar Part No. - HG2409Y-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409Y-RTP L-COM-HG2409Y-RTP Datasheet
205Kb / 2P
HyperLink Wireless 2.4 GHz 9 dBi Radome Enclosed Wireless LAN Yagi Antenna
More results

Similar Description - HG2409Y-RSP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
FG-WLY-AL06NF ETC2-FG-WLY-AL06NF Datasheet
286Kb / 2P
2.4 GHz YAGI grid antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com