Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANRBD1069 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCANRBD1069
Description  413 to 423 MHz Rubber Duck Antenna SMA Male
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANRBD1069 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANRBD1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANRBD1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANRBD1069 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
If It’s Critical, It’s L-com
2
USA & Canada
+1 (800) 341-5266 | International +1 (978) 682-6936 | L-com.com
© 2023 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
413 to 423 MHz Rubber Duck Antenna SMA Male
LCANRBD1069
Environmental Specifications
Temperature
Operating Range
-40 to +60 deg C
Storage Range
-40 to +80 deg C
Ingress Protection
IP65
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Radiation Pattern
Appendix
Electrical Downtilt: Angle in the antenna’s elevation pattern in which the maximum gain occurs.
Gain: Antenna’s average gain.
Front to Back Ratio @ 180°±30°: Average difference between the antenna’s maximum gain and the maximum gain in the antenna’s back
lobe over ±30° angles.
Cross-polarization Ratio (dB): Typical difference between the co-polarization and cross-polarization gain across the sector’s 3 dB Beam
Width.
Dedicated to serving the needs of the Wireless Internet Service Provider (WISP) market, KP Performance Antennas offers purpose built
products that reliably perform in the field. KP Performance Antennas product line consists of Yagi, Grid, Omni, Dish and other style antennas
that operate in the 900 MHz, 2.4 GHz, 3 GHz, and 5 GHz frequencies.
413 to 423 MHz Rubber Duck Antenna SMA Male from L-com has same day shipment for domestic and International orders. Our portfolio includes coaxial
cable assemblies, connectors, adapters and custom products as well as lightning and surge protectors, NEMA rated enclosures, and an RF product line which
includes antennas, amplifiers, passive, and active components.
URL: https://www.l-com.com/413-423-mhz-rubber-duck-antenna-sma-male-lcanrbd1069-p.aspx
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary to make modifications
to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes as required. Unless otherwise stated, all
specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part described herein for any particular purpose, and L-com does not
assume liability arising out of the use of any part or document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com