Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANRBD1069 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCANRBD1069
Description  413 to 423 MHz Rubber Duck Antenna SMA Male
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANRBD1069 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCANRBD1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANRBD1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANRBD1069 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
If It’s Critical, It’s L-com
1
USA & Canada
+1 (800) 341-5266 | International +1 (978) 682-6936 | L-com.com
© 2023 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
413 to 423 MHz Rubber Duck Antenna SMA Male
LCANRBD1069
Features
• 413 MHz to 423 MHz
• SMA Male connector
•
• VSWR 2:1
• Linear polarization
Applications
• LPWAN
• ISM
• Weightless-P
• Fixed and Mobile Devices
Description
The LCANRBD1069 is a high-quality single-band rubber duck antenna witha frequency range of 413 MHz to 423 MHz. L-com’s omnidirectional
rubber duck antenna is 2 inches tall and 0.37 inches wide.
The LCANRBD1069 rubber duck antenna from L-com features a SMA Male connector with an input VSWR (voltage standing wave ratio) of
2:1.
L-com’s linearly polarized antenna can operate at temperatures ranging from -40 °C to 60 °C. This single-band rubber duck antenna is offered
with expert technical support, PDF datasheets, and CAD drawings with dimensions and specifications.
Configuration
Design
Rubber Duck
Band Type
Single
Radiation Pattern
Omni Directional
Polarization
Linear
Connector Type
SMA Male
Number of Ports
1
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
413
423
MHz
Center Frequency
418
MHz
Input VSWR
2:1
Impedance
50
Ohms
Mechanical Specifications
Radome Material
ABS
Size
Length
2 in [50.8 mm]
Width
0.37 in [9.4 mm]
Height
0.37 in [9.4 mm]
Weight
0.2 lbs [90.72 g]


Similar Part No. - LCANRBD1069

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANRBD1060 L-COM-LCANRBD1060 Datasheet
326Kb / 3P
2.4 to 7.125 GHz Rubber Duck Antenna 4 dBi RP-SMA Male Tilt Swivel
07/05/2024
LCANRBD1061 L-COM-LCANRBD1061 Datasheet
311Kb / 3P
425 to 440 MHz Rubber Duck Antenna SMA Male Mount
06/20/2024
LCANRBD1062 L-COM-LCANRBD1062 Datasheet
314Kb / 3P
915 to 918 MHz Permanent Mount Mini Antenna Solder Post
06/12/2024
LCANRBD1063 L-COM-LCANRBD1063 Datasheet
314Kb / 3P
868 to 915 MHz Rubber Duck Antenna SMA Male Tilt Swivel
07/10/2024
LCANRBD1064 L-COM-LCANRBD1064 Datasheet
314Kb / 3P
860 to 875 MHz Permanent Mount Mini Antenna Solder Post
06/12/2024
More results

Similar Description - LCANRBD1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51085 PASTERNACK-PE51085 Datasheet
69Kb / 1P
Rubber Duck Antenna 3400-3800 MHz, 5dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
PE51090 PASTERNACK-PE51090 Datasheet
60Kb / 1P
2300 - 2700 MHz Rubber Duck, 4.5dBi, Reverse Polarity SMA Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com