Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMWCP1069 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMWCP1069
Description  40 dB WR-112 Waveguide Crossguide Coupler With CPR-112G Grooved Flange And 7.05 GHz to 10 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMWCP1069 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMWCP1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMWCP1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMWCP1069 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMWCP1069 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.0 Page 1 of 4
Copyright © 2016
The FMWCP1069 is a WR-112 crossguide waveguide coupler that operates in the
frequency range of 7.05 to 10 GHz. This Waveguide component has a typical
VSWR of 1.05:1. These designs are made of painted copper alloy and incorporate
a cross wall configuration that result in a mid-band nominal coupling value of 20,
30, 40 or 50 dB. Common applications for this component would be where power
measurements are required within a system for measuring/sampling power or
frequency monitoring with minimal signal loss to the maintransmission line. This
WR-112 waveguide coupler uses grooved CPR-112 flanges. Fairview offers a
complete family of waveguide Crossguide and Top wall couplers that are in-stock
and ship same day.
Electrical Specifications*
Description
Min
Typ
Max
Units
Frequency Range
7.05
10
GHz
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Nominal Coupling Level
40
dB
* Values at 25°C, sea level
Mechanical Specifications
Size
Length
4 in [101.6 mm]
Width/Dia.
4 in [101.6 mm]
.
Weight
1.69 lbs [766.57 g]
Configuration
Design
None Crossguide
Size
WR-112
Waveguide Material and Plating
Copper Alloy, Silver
Input Flange
Flange Type
CPR-112G
Material
Copper Alloy
Plating
Silver
Output Flange
Flange Type
CPR-112G
Material
Copper Alloy
Plating
Silver
Coupled Flange(s)
Flange Type
CPR-112G
Material
Copper Alloy
Plating
Silver
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
FMWCP1069
DATA SHEET
40 dB WR-112 Waveguide Crossguide Coupler With
CPR-112G Grooved Flange And 7.05 GHz to 10 GHz
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Crossguide Waveguide Coupler
• 40 dB Nominal Coupling Level
• 7.05 GHz to 10 GHz
Frequency Range
• Body and Flanges made
of Copper Alloy
• Low VSWR
• Grooved CPR
Applications:
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling


Similar Part No. - FMWCP1069

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMWCP1063 FAIRVIEW-FMWCP1063 Datasheet
555Kb / 4P
20 dB WR-112 Waveguide Crossguide Coupler With UG-51/U Square Cover Flange And 7.05 GHz to 10 GHz
REV 1.0
FMWCP1064 FAIRVIEW-FMWCP1064 Datasheet
554Kb / 4P
30 dB WR-112 Waveguide Crossguide Coupler With UG-51/U Square Cover Flange And 7.05 GHz to 10 GHz
REV 1.0
FMWCP1065 FAIRVIEW-FMWCP1065 Datasheet
554Kb / 4P
40 dB WR-112 Waveguide Crossguide Coupler With UG-51/U Square Cover Flange And 7.05 GHz to 10 GHz
REV 1.0
FMWCP1066 FAIRVIEW-FMWCP1066 Datasheet
553Kb / 4P
50 dB WR-112 Waveguide Crossguide Coupler With UG-51/U Square Cover Flange And 7.05 GHz to 10 GHz
REV 1.0
FMWCP1068 FAIRVIEW-FMWCP1068 Datasheet
570Kb / 4P
30 dB WR-112 Waveguide Crossguide Coupler With CPR-112G Grooved Flange And 7.05 GHz to 10 GHz
REV 1.0
More results

Similar Description - FMWCP1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1090 PASTERNACK-PEWCT1090 Datasheet
527Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler, CPR-112G Flange, SMA Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1098 PASTERNACK-PEWCT1098 Datasheet
524Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler, CPR-112G Flange, N Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1099 PASTERNACK-PEWCT1099 Datasheet
524Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler, CPR-112G Flange, N Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCP1026 PASTERNACK-PEWCP1026 Datasheet
445Kb / 5P
WR-112 10 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PEWCP1027 PASTERNACK-PEWCP1027 Datasheet
445Kb / 5P
WR-112 20 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PEWCP1067 PASTERNACK-PEWCP1067 Datasheet
428Kb / 5P
WR-112 20 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1068 PASTERNACK-PEWCP1068 Datasheet
430Kb / 5P
WR-112 30 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1069 PASTERNACK-PEWCP1069 Datasheet
429Kb / 5P
WR-112 40 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1070 PASTERNACK-PEWCP1070 Datasheet
429Kb / 5P
WR-112 50 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWAD5017 PASTERNACK-PEWAD5017 Datasheet
422Kb / 4P
WR-112 Waveguide Bulkhead Adapter CPR-112G Flange, 7.05 GHz to 10 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com