Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMWCP1069 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMWCP1069
Description  40 dB WR-112 Waveguide Crossguide Coupler With CPR-112G Grooved Flange And 7.05 GHz to 10 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMWCP1069 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMWCP1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMWCP1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMWCP1069 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMWCP1069 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Typical Performance Data
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
7.0
7.5
8.0
8.5
9.0
9.5
10.0
7.05 GHz
VSWR
-60
-50
-40
-30
-20
-10
0
7.0
7.5
8.0
8.5
9.0
9.5
10.0
0 dB
7.05 GHz
Coupling Value
FMWCP1069
DATA SHEET
REV 1.0 Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com