Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR310 Datasheet(PDF) 7 Page - Clarke International

Part # CSR310
Description  SANDING ROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSR310 Datasheet(HTML) 7 Page - Clarke International

Back Button CSR310 Datasheet HTML 3Page - Clarke International CSR310 Datasheet HTML 4Page - Clarke International CSR310 Datasheet HTML 5Page - Clarke International CSR310 Datasheet HTML 6Page - Clarke International CSR310 Datasheet HTML 7Page - Clarke International CSR310 Datasheet HTML 8Page - Clarke International CSR310 Datasheet HTML 9Page - Clarke International CSR310 Datasheet HTML 10Page - Clarke International CSR310 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CARTON CONTENTS
The following items should be supplied in the carton. If any parts are missing or
damaged please contact the Clarke dealer where you purchased the
product.
• 1 x Electric Sanding Roller Machine
• 1 x Sanding Roller 45 x 60mm (8)
• 1 x Sanding sleeve 80G abrasive (11)
• 1 x Lamella roller 60 x 60mm (80G abrasive) (6)
• 1 x Lamella roller 60 x 10mm (80G abrasive) (6)
• 1 x Dust Extract Adaptor (5)
• 1 x Hex Key (12)
PARTS IDENTIFICATION
1
Spindle/tool holder
7
Spindle Lock Button
2
Holding Screw
8
Sanding sleeve carrier
3
Spark Deflector
9
On/off Switch
4
Knurled Adjusting Knob
10
Variable Speed Control Knob
5
Dust Extract Adaptor
11
Abrasive Sleeve
6
Lamella rollers 60x10 and 60x60
12
Hex Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com