Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR310 Datasheet(PDF) 10 Page - Clarke International

Part # CSR310
Description  SANDING ROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSR310 Datasheet(HTML) 10 Page - Clarke International

Back Button CSR310 Datasheet HTML 6Page - Clarke International CSR310 Datasheet HTML 7Page - Clarke International CSR310 Datasheet HTML 8Page - Clarke International CSR310 Datasheet HTML 9Page - Clarke International CSR310 Datasheet HTML 10Page - Clarke International CSR310 Datasheet HTML 11Page - Clarke International CSR310 Datasheet HTML 12Page - Clarke International CSR310 Datasheet HTML 13Page - Clarke International CSR310 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
SWITCHING ON AND OFF
• To switch the sander on, push
the switch to position 1.
• To switch the sander off, push
the switch to position 0.
VARIABLE SPEED CONTROL
The variable speed control allows you to adapt the speed of the tool to the
workpiece material.
The rotation speed can be set
between 1600 rpm and 3000 rpm
with the speed control switch.
The speed control switch has 6 levels
marked on it >1< indicates the lowest
speed setting >6< the highest.
NOTE: The speed can also be
adjusted during operation as
described above.
• Use a low speed setting when
using a fine grit, when working with plastics or ceramics and when
removing painted or varnished surfaces.
• Use a high speed setting when using a coarse grit and when removing a
lot of material.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com