Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC85 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC85
Description  4-BIT MAGNITUDE COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC85 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC85 Datasheet HTML 1Page - STMicroelectronics M74HC85 Datasheet HTML 2Page - STMicroelectronics M74HC85 Datasheet HTML 3Page - STMicroelectronics M74HC85 Datasheet HTML 4Page - STMicroelectronics M74HC85 Datasheet HTML 5Page - STMicroelectronics M74HC85 Datasheet HTML 6Page - STMicroelectronics M74HC85 Datasheet HTML 7Page - STMicroelectronics M74HC85 Datasheet HTML 8Page - STMicroelectronics M74HC85 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M74HC85
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
PIN No
SYMBOL
NAME AND FUNCTION
2
INA<B
A<B Expansion Input
3
INA=B
A=B Expansion Input
4
INA>B
A>B Expansion Input
5
OUTA>B
A>B Expansion Output
6
OUTA=B
A=B Expansion Output
7
OUTA<B
A<B Expansion Output
9, 11, 14, 1
B0 to B3
Word B Inputs
10, 12, 13,
15
A0 to A3
Word A Inputs
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
COMPARING INPUTS
CASCADING INPUTS
OUTPUTS
A>B
A<B
A=B
A>B
A<B
A=B
A3 > B3
X
X
X
X
X
X
H
L
L
A3 = B3
A2 > B2
X
X
X
X
X
H
L
L
A3 = B3
A2 = B2
A1 > B1
X
X
X
X
H
L
L
A3 = B3
A2 = B2
A1 = B1
A0 > B0
X
X
X
H
L
L
A3 = B3
A2 = B2
A1 = B1
A0 = B0
LLL
H
H
L
X
X
HL
LH
LHL
LHL
HL
LHL
L
H
H
LLLL
A3 = B3
A2 = B2
A1 = B1
A0 < B0
X
X
X
L
H
L
A3 = B3
A2 = B2
A1 > B1
X
X
X
X
L
H
L
A3 = B3
A2 < B2
X
X
X
X
X
L
H
L
A3 < B3
X
X
X
X
X
X
L
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com