Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC85 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC85
Description  4-BIT MAGNITUDE COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC85 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC85 Datasheet HTML 1Page - STMicroelectronics M74HC85 Datasheet HTML 2Page - STMicroelectronics M74HC85 Datasheet HTML 3Page - STMicroelectronics M74HC85 Datasheet HTML 4Page - STMicroelectronics M74HC85 Datasheet HTML 5Page - STMicroelectronics M74HC85 Datasheet HTML 6Page - STMicroelectronics M74HC85 Datasheet HTML 7Page - STMicroelectronics M74HC85 Datasheet HTML 8Page - STMicroelectronics M74HC85 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED :
tPD = 20 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 85
DESCRIPTION
The M74HC85 is an high speed CMOS 4-BIT
MAGNITUDE COMPARATOR fabricated with
silicon gate C2MOS technology.
This comparator compares two 4-bit words and
provides an high voltage level on one of the A>B
out, A=B out and A<B out outputs. The comparing
bit number is easily expanded by cascading
several
devices
as
shown
in
the
typical
application.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC85
4-BIT MAGNITUDE COMPARATOR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC85B1R
SOP
M74HC85M1R
M74HC85RM13TR
TSSOP
M74HC85TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC85

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC85 STMICROELECTRONICS-M74HC85 Datasheet
252Kb / 11P
4-BIT MAGNITUDE COMPARATOR
Dec-1992
M74HC85B1R STMICROELECTRONICS-M74HC85B1R Datasheet
252Kb / 11P
4-BIT MAGNITUDE COMPARATOR
Dec-1992
M74HC85C1R STMICROELECTRONICS-M74HC85C1R Datasheet
252Kb / 11P
4-BIT MAGNITUDE COMPARATOR
Dec-1992
M74HC85M1R STMICROELECTRONICS-M74HC85M1R Datasheet
252Kb / 11P
4-BIT MAGNITUDE COMPARATOR
Dec-1992
More results

Similar Description - M74HC85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT85 NEXPERIA-74HCT85 Datasheet
263Kb / 17P
4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com