Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 100Page - Renesas Technology Corp RA4M1 Datasheet HTML 101Page - Renesas Technology Corp RA4M1 Datasheet HTML 102Page - Renesas Technology Corp RA4M1 Datasheet HTML 103Page - Renesas Technology Corp RA4M1 Datasheet HTML 104Page - Renesas Technology Corp RA4M1 Datasheet HTML 105Page - Renesas Technology Corp RA4M1 Datasheet HTML 106Page - Renesas Technology Corp RA4M1 Datasheet HTML 107Page - Renesas Technology Corp RA4M1 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 104 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
2.10
VBATT Characteristics
Note:
The VCC-off period for starting power supply switching indicates the period in which VCC is below the minimum value of the
voltage level for switching to battery backup (VDETBATT).
Figure 2.78
Power supply switching and LVD0 reset timing
Table 2.58
Battery backup function characteristics
Conditions: VCC = AVCC0 = 1.6V to 5.5V, VBATT = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Voltage level for switching to battery backup (falling)
VDETBATT
1.99
2.09
2.19
V
Figure 2.78,
Figure 2.79
Hysteresis width for switching to battery back up
VVBATTH
-
100
-
mV
VCC-off period for starting power supply switching
tVOFFBATT
300
-
-
μs-
Voltage detection level
VBATT_Power-on reset (VBATT_POR)
VVBATPOR
1.30
1.40
1.50
V
Figure 2.78,
Figure 2.79
Wait time after VBATT_POR reset time cancellation
tVBATPOR
-
-
3
mS
-
Level for detection of voltage drop on
the VBATT pin (falling)
VBTLVDLVL[1:0] = 10b VDETBATLVD
2.11
2.2
2.29
V
Figure 2.80
VBTLVDLVL[1:0] = 11b
1.92
2
2.08
V
Hysteresis width for VBATT pin LVD
VVBATLVDTH
-
50
-
mV
VBATT pin LVD operation stabilization time
td_vbat
-
-
300
μs
Figure 2.80
VBATT pin LVD response delay time
tdet_vbat
-
-
350
μs
Allowable voltage change rising/falling gradient
dt/dVCC
1.0
-
-
ms/V
-
VCC voltage level for access to the VBATT backup registers
V_BKBATT
1.8
-
-
V
-
VDETBATT
VVBATH
VCC supplied
VBATT
VCC
VVBATPOR
VBATT supplied
VCC supplied
Backup power area
Internal reset signal
(active-low)
tLVD0
Vdet0
VLVH
tdet
tdet
VPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com