Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 104Page - Renesas Technology Corp RA4M1 Datasheet HTML 105Page - Renesas Technology Corp RA4M1 Datasheet HTML 106Page - Renesas Technology Corp RA4M1 Datasheet HTML 107Page - Renesas Technology Corp RA4M1 Datasheet HTML 108Page - Renesas Technology Corp RA4M1 Datasheet HTML 109Page - Renesas Technology Corp RA4M1 Datasheet HTML 110Page - Renesas Technology Corp RA4M1 Datasheet HTML 111Page - Renesas Technology Corp RA4M1 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 108 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47 μF ±30%.
Note 2.
This is the time required to wait from when the reference voltage is specified using the VLCD register (or when the internal
voltage boosting method is selected (by setting the MDSET[1:0] bits in the LCDM0 register to 01b) if the default value reference
voltage is used) until voltage boosting starts (VLCON = 1).
Note 3.
This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).
[1/4 Bias Method]
Note 1.
This is a capacitor that is connected between voltage pins used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL3 and GND
C5: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = C5 = 0.47 μF ± 30%
Note 2.
This is the time required to wait from when the reference voltage is specified by using the VLCD register (or when the internal
voltage boosting method is selected (by setting the MDSET1 and MDSET0 bits in the LCDM0 register to 01b) if the default
value reference voltage is used) until voltage boosting starts (VLCON = 1).
Note 3.
This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).
Note 4.
VL4 must be 5.5 V or lower.
Table 2.65
Internal voltage boosting method LCD characteristics
Conditions: VCC = 1.8 V to 5.5 V
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Test
conditions
LCD output voltage
variation range
VL1
C1 to C5*1 = 0.47 μF
VLCD = 04h
0.90
1.0
1.08
V
-
VLCD = 05h
0.95
1.05
1.13
V
-
VLCD = 06h
1.00
1.10
1.18
V
-
VLCD = 07h
1.05
1.15
1.23
V
-
VLCD = 08h
1.10
1.20
1.28
V
-
VLCD = 09h
1.15
1.25
1.33
V
-
VLCD = 0Ah
1.20
1.30
1.38
V
-
VLCD = 0Bh
1.25
1.35
1.43
V
-
VLCD = 0Ch
1.30
1.40
1.48
V
-
Doubler output voltage
VL2
C1 to C5*1 = 0.47 μF2VL1 - 0.08
2VL1
2VL1
V-
Tripler output voltage
VL3
C1 to C5*1 = 0.47 μF3VL1 - 0.12
3VL1
3VL1
V-
Quadruply output
voltage
VL4*4
C1 to C5*1 = 0.47 μF4VL1 - 0.16
4VL1
4VL1
V-
Reference voltage
setup time*2
tVL1S
5
--ms
Figure 2.81
LCD output voltage
variation range*3
tVLWT
C1 to C5*1 = 0.47 μF
500
-
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com