Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 107Page - Renesas Technology Corp RA4M1 Datasheet HTML 108Page - Renesas Technology Corp RA4M1 Datasheet HTML 109Page - Renesas Technology Corp RA4M1 Datasheet HTML 110Page - Renesas Technology Corp RA4M1 Datasheet HTML 111Page - Renesas Technology Corp RA4M1 Datasheet HTML 112Page - Renesas Technology Corp RA4M1 Datasheet HTML 113Page - Renesas Technology Corp RA4M1 Datasheet HTML 114Page - Renesas Technology Corp RA4M1 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 111 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
2.14
OPAMP Characteristics
Note 1.
When the operational amplifier reference current circuit is activated in advance.
Table 2.68
OPAMP characteristics
Conditions: VCC = AVCC0 = 1.8 to 5.5 V (AVCC0 = VCC when VCC < 2.0 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Common mode input
range
Vicm1
Low power mode
0.2
-
AVCC0 - 0.5
V
Vicm2
High-speed mode
0.3
-
AVCC0 - 0.6
V
Output voltage range
Vo1
Low power mode
0.1
-
AVCC0 - 0.1
V
Vo2
High-speed mode
0.1
-
AVCC0 - 0.1
V
Input offset voltage
Vioff
3σ
-10
-
10
mV
Open gain
Av
60
120
-
dB
Gain-bandwidth (GB)
product
GBW1
Low power mode
-
0.04
-
MHz
GBW2
High-speed mode
-
1.7
-
MHz
Phase margin
PM
CL = 20 pF
50
-
-
deg
Gain margin
GM
CL = 20 pF
10
-
-
dB
Equivalent input noise
Vnoise1
f = 1 kHz
Low power mode
-
230
-
nV/√Hz
Vnoise2
f = 10 kHz
-
200
-
nV/√Hz
Vnoise3
f = 1 kHz
High-speed mode
-
90
-
nV/√Hz
Vnoise4
f = 2 kHz
-
70
-
nV/√Hz
Power supply
reduction ratio
PSRR
-90
-
dB
Common mode signal
reduction ratio
CMRR
-
90
-
dB
Stabilization wait time
Tstd1
CL = 20 pF
Only operational amplifier is
activated *1
Low power mode
650
-
-
μs
Tstd2
High-speed mode
13
-
-
μs
Tstd3
CL = 20 pF
Operational amplifier and
reference current circuit are
activated simultaneously
Low power mode
650
-
-
μs
Tstd4
High-speed mode
13
-
-
μs
Settling time
Tset1
CL = 20 pF
Low power mode
-
-
750
μs
Tset2
High-speed mode
-
-
13
μs
Slew rate
Tslew1
CL = 20 pF
Low power mode
-
0.02
-
V/μs
Tslew2
High-speed mode
-
1.1
-
V/μs
Load current
Iload1
Low-power mode
-100
-
100
μA
Iload2
High-speed mode
-100
-
100
μA
Load capacitance
CL
--20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com