Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 110Page - Renesas Technology Corp RA4M1 Datasheet HTML 111Page - Renesas Technology Corp RA4M1 Datasheet HTML 112Page - Renesas Technology Corp RA4M1 Datasheet HTML 113Page - Renesas Technology Corp RA4M1 Datasheet HTML 114Page - Renesas Technology Corp RA4M1 Datasheet HTML 115Page - Renesas Technology Corp RA4M1 Datasheet HTML 116Page - Renesas Technology Corp RA4M1 Datasheet HTML 117Page - Renesas Technology Corp RA4M1 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 114 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory. When using FCLK at below
4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note:
The frequency accuracy of FCLK must be ±3.5%. Confirm the frequency accuracy of the clock source.
2.16
Boundary Scan
Note 1.
Boundary scan does not function until power-on-reset becomes negative.
Figure 2.82
Boundary scan TCK timing
Table 2.74
Data flash characteristics (3)
Middle-speed operating mode
Conditions: VCC = 1.8 to 5.5 V, Ta = -40 to +85°C
Parameter
Symbol
FCLK = 4 MHz
FCLK = 8 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
1-byte
tDP1
-
94.7
886
-
89.3
849
μs
Erasure time
1-KB
tDE1K
-
9.59
299
-
8.29
273
ms
Blank check time
1-byte
tDBC1
-
-
56.2
-
-
52.5
μs
1-KB
tDBC1K
-
-
2.17
-
-
1.51
ms
Suspended time during erasing
tDSED
-
-
23.0
-
-
21.7
μs
Data flash STOP recovery time
tDSTOP
720
-
-
720
-
-
ns
Table 2.75
Boundary scan
Conditions: VCC = AVCC0 = 2.4 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
TCK clock cycle time
tTCKcyc
100
-
-
ns
Figure 2.82
TCK clock high pulse width
tTCKH
45
-
-
ns
TCK clock low pulse width
tTCKL
45
-
-
ns
TCK clock rise time
tTCKr
--
5
ns
TCK clock fall time
tTCKf
--
5
ns
TMS setup time
tTMSS
20
-
-
ns
Figure 2.83
TMS hold time
tTMSH
20
-
-
ns
TDI setup time
tTDIS
20
-
-
ns
TDI hold time
tTDIH
20
-
-
ns
TDO data delay
tTDOD
-
-
70
ns
Boundary Scan circuit start up time*1
tBSSTUP
tRESWP
--
-
Figure 2.84
tTCKcyc
tTCKH
tTCKf
tTCKL
tTCKr
TCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com