Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 113Page - Renesas Technology Corp RA4M1 Datasheet HTML 114Page - Renesas Technology Corp RA4M1 Datasheet HTML 115Page - Renesas Technology Corp RA4M1 Datasheet HTML 116Page - Renesas Technology Corp RA4M1 Datasheet HTML 117Page - Renesas Technology Corp RA4M1 Datasheet HTML 118Page - Renesas Technology Corp RA4M1 Datasheet HTML 119Page - Renesas Technology Corp RA4M1 Datasheet HTML 120Page - Renesas Technology Corp RA4M1 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 117 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
2.17.1
Serial Wire Debug (SWD)
Figure 2.87
SWD SWCLK timing
Table 2.78
SWD characteristics (1)
Conditions: VCC = 2.4 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
SWCLK clock cycle time
tSWCKcyc
80
-
-
ns
Figure 2.87
SWCLK clock high pulse width
tSWCKH
35
-
-
ns
SWCLK clock low pulse width
tSWCKL
35
-
-
ns
SWCLK clock rise time
tSWCKr
--
5
ns
SWCLK clock fall time
tSWCKf
--
5
ns
SWDIO setup time
tSWDS
16
-
-
ns
Figure 2.88
SWDIO hold time
tSWDH
16
-
-
ns
SWDIO data delay time
tSWDD
2
-
70
ns
Table 2.79
SWD characteristics (2)
Conditions: VCC = 1.6 to 2.4 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
SWCLK clock cycle time
tSWCKcyc
250
-
-
ns
Figure 2.87
SWCLK clock high pulse width
tSWCKH
120
-
-
ns
SWCLK clock low pulse width
tSWCKL
120
-
-
ns
SWCLK clock rise time
tSWCKr
--
5
ns
SWCLK clock fall time
tSWCKf
--
5
ns
SWDIO setup time
tSWDS
50
-
-
ns
Figure 2.88
SWDIO hold time
tSWDH
50
-
-
ns
SWDIO data delay time
tSWDD
2
-
150
ns
SWCLK
tSWCKcyc
tSWCKH
tSWCKf
tSWCKr
tSWCKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com