Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 115Page - Renesas Technology Corp RA4M1 Datasheet HTML 116Page - Renesas Technology Corp RA4M1 Datasheet HTML 117Page - Renesas Technology Corp RA4M1 Datasheet HTML 118Page - Renesas Technology Corp RA4M1 Datasheet HTML 119Page - Renesas Technology Corp RA4M1 Datasheet HTML 120Page - Renesas Technology Corp RA4M1 Datasheet HTML 121Page - Renesas Technology Corp RA4M1 Datasheet HTML 122Page - Renesas Technology Corp RA4M1 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 119 of 131
Sep 29, 2023
RA4M1 Group
Appendix 1. Package Dimensions
Appendix 1.Package Dimensions
Information on the latest version of the package dimensions or mountings is shown in “Packages” on the Renesas
Electronics Corporation website.
Figure 1.1
100-pin LGA
P-TFLGA100-7x7-0.65
0.1g
MASS[Typ.]
100F0G
PTLG0100JA-A
RENESAS Code
JEITA Package Code
Previous Code
0.15
v
0.20
w
0.08
0.485
0.435
0.385
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
7.0
D
7.0
E
1.05
A
x
0.65
e
0.10
y
b1
b
0.31
0.35
0.39
0.575
ZD
ZE
0.575
Index mark
S
w
A
A
H
G
F
E
D
C
B
12345678
yS
S
A
v
×4
(Laser mark)
Index mark
J
K
910
D
e
A
ZD
B
φ b
φ b1
φ
× MS AB
φ
× MS AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com