Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFM
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFM Datasheet(HTML) 3 Page - Renesas Technology Corp

  R7FA4M2AC3CFM Datasheet HTML 1Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 2Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 3Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 4Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 5Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 6Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 7Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 8Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
Table 1.3
System (2 of 2)
Feature
Functional description
Clocks
● Main clock oscillator (MOSC)
● Sub-clock oscillator (SOSC)
● High-speed on-chip oscillator (HOCO)
● Middle-speed on-chip oscillator (MOCO)
● Low-speed on-chip oscillator (LOCO)
● IWDT-dedicated on-chip oscillator
● PLL/PLL2
● Clock out support
Clock Frequency Accuracy
Measurement Circuit (CAC)
The Clock Frequency Accuracy Measurement Circuit (CAC) counts pulses of the clock to
be measured (measurement target clock) within the time generated by the clock selected
as the measurement reference (measurement reference clock), and determines the accuracy
depending on whether the number of pulses is within the allowable range. When measurement
is complete or the number of pulses within the time generated by the measurement reference
clock is not within the allowable range, an interrupt request is generated.
Interrupt Controller Unit (ICU)
The Interrupt Controller Unit (ICU) controls which event signals are linked to the Nested Vector
Interrupt Controller (NVIC), the DMA Controller (DMAC), and the Data Transfer Controller (DTC)
modules. The ICU also controls non-maskable interrupts.
Low power modes
Power consumption can be reduced in multiple ways, including setting clock dividers, stopping
modules, selecting power control mode in normal operation, and transitioning to low power
modes.
Battery backup function
A battery backup function is provided for partial powering by a battery. The battery-powered area
includes the RTC, SOSC, backup memory, and switch between VCC and VBATT.
Register write protection
The register write protection function protects important registers from being overwritten due to
software errors. The registers to be protected are set with the Protect Register (PRCR).
Memory Protection Unit (MPU)
The MCU has one Memory Protection Unit (MPU).
Table 1.4
Event link
Feature
Functional description
Event Link Controller (ELC)
The Event Link Controller (ELC) uses the event requests generated by various peripheral
modules as source signals to connect them to different modules, allowing direct link between
the modules without CPU intervention.
Table 1.5
Direct memory access
Feature
Functional description
Data Transfer Controller (DTC)
A Data Transfer Controller (DTC) module is provided for transferring data when activated by an
interrupt request.
DMA Controller (DMAC)
The MCU includes an 8-channel direct memory access controller (DMAC) that can transfer
data without intervention from the CPU. When a DMA transfer request is generated, the DMAC
transfers data stored at the transfer source address to the transfer destination address.
Table 1.6
External bus interface
Feature
Functional description
External bus
● QSPI area (EQBIU): Connected to the QSPI (external device interface)
Table 1.7
Timers (1 of 2)
Feature
Functional description
General PWM Timer (GPT)
The General PWM Timer (GPT) is a 32-bit timer with GPT32 × 4 channels and a 16-bit timer
with GPT16 × 4 channels. PWM waveforms can be generated by controlling the up-counter,
down-counter, or the up- and down-counter. In addition, PWM waveforms can be generated for
controlling brushless DC motors. The GPT can also be used as a general-purpose timer.
Port Output Enable for GPT (POEG)
The Port Output Enable (POEG) function can place the General PWM Timer (GPT) output pins
in the output disable state
RA4M2 Datasheet
1. Overview
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 3 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com